Electronic Components Datasheet Search
  English  ▼

X  

AFE8221RFP Datasheet(PDF) 19 Page - Texas Instruments

Part # AFE8221RFP
Description  Dual IF Analog Front-End for Digital Radio
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8221RFP Datasheet(HTML) 19 Page - Texas Instruments

Back Button AFE8221RFP Datasheet HTML 15Page - Texas Instruments AFE8221RFP Datasheet HTML 16Page - Texas Instruments AFE8221RFP Datasheet HTML 17Page - Texas Instruments AFE8221RFP Datasheet HTML 18Page - Texas Instruments AFE8221RFP Datasheet HTML 19Page - Texas Instruments AFE8221RFP Datasheet HTML 20Page - Texas Instruments AFE8221RFP Datasheet HTML 21Page - Texas Instruments AFE8221RFP Datasheet HTML 22Page - Texas Instruments AFE8221RFP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
www.ti.com
IF ADC ALARM/ATTENUATOR
QUADRATURE MIXER/NCO
I=ADC
cos(2 ft+
´
p
f
)
(1)
Q=ADC
sin(2 ft+
´
p
f
)
(2)
f=f
MCLK
ddc0_demod_freq
2
32
(3)
f
p
=2
ddc0_demod_phase
2
32
(4)
DIGITAL DOWNCONVERTER 0 (DDC0)
AFE8221
SBAS394A – APRIL 2007 – REVISED MARCH 2008
Table 4. DDC Control Register Settings
PARAMETER
ADDRESS
BITS
The output of each IF ADC is monitored to ensure
ddc0_cic_dec_rate
9
8:0
that the full-scale input range is not exceeded. If an
ADC over-range condition occurs, an overflow signal
ddc0_cic_scale
10
11:6
is generated that may be used to generate an
ddc0_cic_shift
10
5:0
interrupt on the IRQ line, depending on the settings in
ddc0_demod_freq[31:16]
5
15:0
the IRQ interrupt generator.
ddc0_demod_freq[15:0]
6
15:0
In addition, programmable limits may be set for each
ddc0_demod_phase[31:16]
7
15:0
IF ADC. If the absolute value of IF_ADC0 exceeds
ddc0_demod_phase[15:0]
8
15:0
if_adc_limit0 or the absolute value of IF_ADC1
ddc0_fir1_base_address
11
13:8
exceeds ifadc_limit1, then an interrupt may be
generated on IRQ again depending on the settings in
ddc0_fir1_mode
11
1:0
the IRQ interrupt generator.
ddc0_fir1_ncoeffs
11
7:2
ddc0_fir1_nodec
14
9
In the case of an IF ADC event, the IRQ status
register can be read back to determine the type of
ddc0_fir2_nodec
14
10
event and on which ADC channel it occurred. The
ddc0_fir2a_base_address
12
15:9
IRQ status register can be polled to determine if an IF
ddc0_fir2a_mode
12
1:0
ADC event has occurred in the case where IF ADC
ddc0_fir2a_ncoeffs
12
8:2
events are masked from generating an interrupt.
ddc0_fir2a_shift
14
3:0
The
control
variable
ddc0_atten
causes
an
ddc0_fir2b_base_address
13
15:9
attenuation of the IF_ADC0 output prior to the DDC.
ddc0_fir2b_mode
13
1:0
The attenuation ranges in 3dB steps from 0dB (for
ddc0_fir2b_ncoeffs
13
8:2
ddc0_atten = 0) to –18dB (for ddc0_atten = 6).
ddc1_atten has the same effect on the output of
ddc0_fir2b_shift
14
7:4
IF_ADC1.
ddc0_interleave
14
8
In order to better synchronize the IF ADC attenuator
ddc_en[0]
1
4
with the tuner automatic gain control (AGC), a delay
ddc_sync
1
6
may be programmed between when a new value of
ddc_atten is written and when it takes effect. When a
new value of ddc0_atten is written, a counter (driven
by MCLK) is initialized to ddc0_delay. When the
The NCO frequency and initial phase are set by the
counter reaches zero, the actual attenuation change
32-bit unsigned
variables
ddc0_demod_freq
and
occurs. Likewise, ddc1_delay affects ddc1_atten.
ddc0_demod_phase. The I and Q outputs of the
Note that if a new ddc0_atten is written before the
mixer
can
be
calculated
by
Equation
1
and
delay counter has reached zero from the previous
Equation 2.
write, the previous write is discarded. Table 3 shows
the attenuator, delay, and limit control variables.
Table 3. IF ADC Control Register Settings
where ADC is the output of the IF analog-to-digital
converter, f is the NCO phase offset (in radians)
PARAMETER
ADDRESS
BITS
given by Equation 3, and
φ is the NCO phase offset
ddc0_atten
3
2:0
(in radians) given by Equation 4.
ddc1_atten
15
2:0
ddc0_delay
4
15:0
ddc1_delay
16
15:0
ifadc_limit0
46
11:0
ifadc_limit1
47
11:0
DDC0 operation is controlled by ddc_en[0]. When
ddc_en[0] is '1', operation of DDC0 is enabled. If
ddc_en[0] is '0', operation of DDC0 is disabled.
Table 4 shows the DDC0 operation control settings.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): AFE8221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com