Electronic Components Datasheet Search
  English  ▼

X  

AFE8221RFP Datasheet(PDF) 21 Page - Texas Instruments

Part # AFE8221RFP
Description  Dual IF Analog Front-End for Digital Radio
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8221RFP Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE8221RFP Datasheet HTML 17Page - Texas Instruments AFE8221RFP Datasheet HTML 18Page - Texas Instruments AFE8221RFP Datasheet HTML 19Page - Texas Instruments AFE8221RFP Datasheet HTML 20Page - Texas Instruments AFE8221RFP Datasheet HTML 21Page - Texas Instruments AFE8221RFP Datasheet HTML 22Page - Texas Instruments AFE8221RFP Datasheet HTML 23Page - Texas Instruments AFE8221RFP Datasheet HTML 24Page - Texas Instruments AFE8221RFP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
www.ti.com
GAIN=
å
NCOEFF
n=1
2h
n
2
1
-
15
(9)
GAIN=
å
NCOEFF
n=1
h
n
2
1
-
15
(10)
SECOND FIR FILTERS
ddc0_fir2a_ncoeff
4
ddc0_cic_dec_rate
£
´
(11)
ddc0_fir2b_ncoeff
4
ddc0_cic_dec_rate
£
´
(12)
AFE8221
SBAS394A – APRIL 2007 – REVISED MARCH 2008
For EVEN mode the, dc gain is shown by Equation 9:
weights must add up to (215
– 1) to achieve unity
gain through the filter. With longer filters (and
therefore, smaller coefficients), frequency response
errors may be introduced as a result of coefficient
truncation. A Shift parameter has been added to the
second FIR filter to alleviate this problem. The total of
while for ARBITRARY mode the gain is shown by
all filter tap weights must add up to (215+ddc0_fir2a_shift
Equation 10:
– 1) to achieve unity gain through FIR2A (similarly for
ddc0_fir2b_shift and FIR2B). Note that shift values for
FIR2A and FIR2B can be set separately.
Extended-Length Filter Mode
If FIR2A or FIR2B cannot provide enough filter taps
to achieve the desired frequency response, setting
The first FIR filter is followed by two parallel second
control bit ddc0_interleave puts the two filters into an
FIR filters, FIR2A and FIR2B. Duplicate filters allow
interleaved mode that doubles the length of the filter
the output of two I and Q output streams with
that can be realized. However, there are several
different bandwidths. For example, the bandwidth of
limitations:
FIR2A may be set wide to accommodate reception of
1. Only odd symmetrical filters may be realized;
digital broadcasts, while FIR2B may be set narrower
to receive an analog broadcast sharing the same
2. The filter length M must be such that (M + 1)/4 is
band. Coefficients for FIR2A are stored in memory
an integer; and
bank 1 (MEM = 1) and coefficients for FIR2B are
3. Only one filter can be realized (in ddc_interleave
stored in memory bank 2 (MEM = 2).
mode the A and B outputs are identical: IB = IA
and QB = QA).
The operation of the second FIR filter is similar to the
first FIR filter with several notable exceptions. First,
In addition to setting the ddc0_interleave bit, FIR2A
the depths of the coefficient and data memories are
must be set to EVEN mode and FIR2A must be set to
doubled to 128. This size increase allows for filters up
ODD mode. ddc0_fir2a_ncoeff and ddc0_fir2b_ncoeff
to 126 taps to be realized without running out of data
are both set to (M + 1)/4. ddc0_fir2a_shift and
memory. It also allows longer sets of filter coefficients
ddc0_fir2b_shift should be identical. There are no
to be stored in coefficient memory.
restrictions
on
ddc0_fir2a_base_addr
or
ddc0_fir2b_base_addr.
Second, because of the additional decimation by two
from the first FIR filter, twice as many MCLK cycles
The M-tap filter has (M + 1)/2 unique coefficients. The
are available to process coefficients, increasing the
first, third, fifth, etc. coefficients are loaded into the
maximum allowable value of NCOEFF, as shown in
FIR2A coefficient memory; the second, fourth, sixth,
Equation 11 and Equation 12.
etc. coefficients are loaded into the FIR2B memory.
The center coefficients of the filter end up as the last
coefficient loaded into FIR2B.
Third, in the first FIR filter the total of all the filter tap
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): AFE8221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com