Electronic Components Datasheet Search
  English  ▼

X  

PS240128WRF Datasheet(PDF) 5 Page - Powertip Technology

Part # PS240128WRF
Description  Standard Value
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS240128WRF Datasheet(HTML) 5 Page - Powertip Technology

  PS240128WRF Datasheet HTML 1Page - Powertip Technology PS240128WRF Datasheet HTML 2Page - Powertip Technology PS240128WRF Datasheet HTML 3Page - Powertip Technology PS240128WRF Datasheet HTML 4Page - Powertip Technology PS240128WRF Datasheet HTML 5Page - Powertip Technology PS240128WRF Datasheet HTML 6Page - Powertip Technology PS240128WRF Datasheet HTML 7Page - Powertip Technology PS240128WRF Datasheet HTML 8Page - Powertip Technology PS240128WRF Datasheet HTML 9Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
PE240128WRF-001-HQ
VER.0
Page5
1.4
DC Electrical Characteristics
VDD = 3.3 V ± 0.3 , VSS = 0 V , Ta = 25°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Logic Supply Voltage
VDD
-
3.0
3.3
3.6
V
High-level Input Voltage
VIH
-
0.7VDD
-
VDD
V
Low-level Input Voltage
VIL
-
VSS
-
0.3VDD
V
High-level Output Voltage
VOH
-
-
-
-
V
Low-level Input Voltage
VOL
-
-
-
-
V
Supply Current
IDD
VDD = 3.3 V
-
1.2
6.2
mA
VOP
Vo – Vss (-20°C)
14.0
14.1
14.2
V
VOP
Vo – Vss (25°C) *1
12.8
12.95
13.1
V
LCM Driver Voltage
VOP
Vo – Vss (70°C)
11.7
11.8
11.9
V
NOTE:*1 The VOP test point is Vo – Vss.
NOTE:2
:Recommended Power Supply Combinations.
1.5
Optical Characteristics
LCD Panel: 1/160 Duty , 1/13 Bias , VLCD = 15.06 V Ta = 25°C
Item
Symbol
Conditions
Min.
Typ.
Max.
Reference
View Angle
θ
C>2.0 ,
∅ = 270°
-40
°
-
+40°
Note 1
Contrast Ratio
CR
θ = -5
° , ∅ = 270°
2
2.8
-
Note 3
Response Time(rise)
Tr
θ = -5
° , ∅ = 270°
-
135 ms 205 ms
Response Time(fall)
Tf
θ = -5
° , ∅ = 270°
-
300 ms 450 ms
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com