Electronic Components Datasheet Search
  English  ▼

X  

PS240128WRF Datasheet(PDF) 12 Page - Powertip Technology

Part # PS240128WRF
Description  Standard Value
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS240128WRF Datasheet(HTML) 12 Page - Powertip Technology

Back Button PS240128WRF Datasheet HTML 8Page - Powertip Technology PS240128WRF Datasheet HTML 9Page - Powertip Technology PS240128WRF Datasheet HTML 10Page - Powertip Technology PS240128WRF Datasheet HTML 11Page - Powertip Technology PS240128WRF Datasheet HTML 12Page - Powertip Technology PS240128WRF Datasheet HTML 13Page - Powertip Technology PS240128WRF Datasheet HTML 14Page - Powertip Technology PS240128WRF Datasheet HTML 15Page - Powertip Technology PS240128WRF Datasheet HTML 16Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
PE240128WRF-001-HQ
VER.0
Page12
2.2
Interface Pin Description
Pin No.
Symbol
Function
1
A0
Register select input pin
−
A0 = "H": DB0 to DB8 or SI are display data
−
A0 = "L": DB0 to DB8 or SI are control data
2
RW_WR
Read / Write execution control pin
MPU Type
RW_WR
Description
6800
RW
Read / Write control input pin
RW = “H” : read
RW = “L” : write
8080
/WR
Write enable clock input pin
The data on DB0 to DB8 are latched at the
rising edge of the /WR signal.
3
DB0
4
DB1
5
DB2
6
DB3
They connect to the standard 8-bit MPU bus via the 8 bit bi-directional bus.When
the following interface is selected and the XCS pin is high, the following pins
become highimpedance, which should be fixed to VDD or VSS.
7
DB4
8
DB5
9
DB6
10
DB7
In IIC Interface
D7: SCL; D6: SI ; D0, D1: SA1, SA0
D3, D2: Acknowledgement
D4, D5, D8 should be fixed to VDD or VSS.
11
E_RD
Read / Write execution control pin
MPU Type
RW_WR
Description
6800
E
Read / Write control input pin
-RW = “H”: When E is “H”, DB0 to DB8 are
in an output status.
-RW = “L”: The data on DB0 to DB8 are
latched at the falling edge of the E signal.
8080
/RD
Read enable clock input pin
When /RD is “L”, DB0 to DB8 are in an
output status.
12
RST
Reset input pin. When RST is “L”, initialization is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com