Electronic Components Datasheet Search
  English  ▼

X  

PS240128WRF Datasheet(PDF) 24 Page - Powertip Technology

Part # PS240128WRF
Description  Standard Value
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS240128WRF Datasheet(HTML) 24 Page - Powertip Technology

Back Button PS240128WRF Datasheet HTML 19Page - Powertip Technology PS240128WRF Datasheet HTML 20Page - Powertip Technology PS240128WRF Datasheet HTML 21Page - Powertip Technology PS240128WRF Datasheet HTML 22Page - Powertip Technology PS240128WRF Datasheet HTML 23Page - Powertip Technology PS240128WRF Datasheet HTML 24Page - Powertip Technology PS240128WRF Datasheet HTML 25Page - Powertip Technology PS240128WRF Datasheet HTML 26Page - Powertip Technology PS240128WRF Datasheet HTML 27Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
PE240128WRF-001-HQ
VER.0
Page24
4. RELIABILITY TEST
4.1
Reliability Test Condition
NO
Item
Test Condition
1
High Temperature
Storage
Storage at 80 ± 2°C 96~100 hrs
Surrounding temperature, then storage at normal condition
4hrs
2
Low Temperature
Storage
Storage at -30 ± 2°C 96~100 hrs
Surrounding temperature, then storage at normal condition
4hrs
3
High Temperature
/Humidity Storage
1.Storage 96~100 hrs 60 ± 2°C, 90~95%RH surrounding
temperature, then storage at normal condition 4hrs.
(Excluding the polarizer).or
2.Storage 96~100 hrs 40 ± 2°C, 90~95%RH surrounding
temperature, then storage at normal condition 4 hrs.
4
Temperature Cycling
-20°C → 25°C → 70°C → 25°C
(30mins) (5mins) (30mins) (5mins)
10 Cycle
5
Vibration
10~55Hz ( 1 minute ) 1.5mm
X,Y and Z direction * (each 2hrs)
Air Discharge:
Apply 6 KV with 5 times
discharge for each polarity +/-
Contact Discharge:
Apply 250V with 5 times
discharge for each polarity +/-
6
ESD Test
Testing location:
Around the face of LCD
Testing location:
1.Apply to bezel.
2.Apply to Vdd, Vss.
Packing Weight (Kg)
Drop Height (cm)
0 ~ 45.4
122
45.4 ~ 90.8
76
90.8 ~ 454
61
7
Drop Test
Over 454
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com