Electronic Components Datasheet Search
  English  ▼

X  

SSM3582ACPZ Datasheet(PDF) 40 Page - Analog Devices

Part # SSM3582ACPZ
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ Datasheet(HTML) 40 Page - Analog Devices

Back Button SSM3582ACPZ Datasheet HTML 36Page - Analog Devices SSM3582ACPZ Datasheet HTML 37Page - Analog Devices SSM3582ACPZ Datasheet HTML 38Page - Analog Devices SSM3582ACPZ Datasheet HTML 39Page - Analog Devices SSM3582ACPZ Datasheet HTML 40Page - Analog Devices SSM3582ACPZ Datasheet HTML 41Page - Analog Devices SSM3582ACPZ Datasheet HTML 42Page - Analog Devices SSM3582ACPZ Datasheet HTML 43Page - Analog Devices SSM3582ACPZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
SSM3582A
Data Sheet
Rev. A | Page 40 of 58
Address: 0x04, Reset: 0xA1, Name: POWER_CTRL
Autom atic Power-Down Enable.
1: Autom atic power-down feature enabled.
0: Autom atic power-down feature disabled.
Software Master Power-Down.
1: Software m aster power-down.
0: Norm al operation.
Tem perature Sensor Power-Down.
1: Tem perature sensor powered down.
0: Tem perature sensor on.
Left Channel Power-Down.
1: Left channel powered down.
0: Left channel powered on.
Mono Mode Selection.
1: Stereo m ode enabled.
0: Mono m ode enabled.
Right Channel Power-Down.
1: Right channel powered down.
0: Right channel powered on.
0
1
1
0
2
0
3
0
4
0
5
1
6
0
7
1
[7] APWDN_EN (R/W)
[0] SPWDN (R/W)
[6] RESERVED
[1] RESERVED
[5] TEMP_PWDN (R/W)
[2] L_PWDN (R/W)
[4] MONO (R/W)
[3] R_PWDN (R/W)
Table 28. Bit Descriptions for POWER_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
APWDN_EN
Automatic Power-Down Enable.
0x1
R/W
0
Automatic power-down feature disabled.
1
Automatic power-down feature enabled.
6
RESERVED
Reserved.
0x0
R
5
TEMP_PWDN
Temperature Sensor Power-Down.
0x1
R/W
0
Temperature sensor on.
1
Temperature sensor powered down.
4
MONO
Mono Mode Selection.
0x0
R/W
0
Stereo mode enabled.
1
Mono mode enabled.
3
R_PWDN
Right Channel Power-Down.
0x0
R/W
0
Right channel powered on.
1
Right channel powered down.
2
L_PWDN
Left Channel Power-Down.
0x0
R/W
0
Left channel powered on.
1
Left channel powered down.
1
RESERVED
Reserved.
0x0
R
0
SPWDN
Software Master Power-Down
0x1
R/W
0
Normal operation.
1
Software master power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com