Electronic Components Datasheet Search
  English  ▼

X  

SSM3582ACPZ Datasheet(PDF) 53 Page - Analog Devices

Part # SSM3582ACPZ
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ Datasheet(HTML) 53 Page - Analog Devices

Back Button SSM3582ACPZ Datasheet HTML 49Page - Analog Devices SSM3582ACPZ Datasheet HTML 50Page - Analog Devices SSM3582ACPZ Datasheet HTML 51Page - Analog Devices SSM3582ACPZ Datasheet HTML 52Page - Analog Devices SSM3582ACPZ Datasheet HTML 53Page - Analog Devices SSM3582ACPZ Datasheet HTML 54Page - Analog Devices SSM3582ACPZ Datasheet HTML 55Page - Analog Devices SSM3582ACPZ Datasheet HTML 56Page - Analog Devices SSM3582ACPZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
Data Sheet
SSM3582A
Rev. A | Page 53 of 58
Address: 0x18, Reset: 0x00, Name: STATUS1
PVDD Undervoltage Fault Condition.
1: PVDD undervoltage fault condition.
0:
PVDD ≥ 3.6 V.
Overtem perature Warning Condition.
1: Overtem perature warning.
0: No overtem perature warning.
Regulator Undervoltage Fault Condition.
1: Undervoltage fault for AVDD regulator.
0: No undervoltage fault for AVDD regulator.
Overtem perature Fault Condition.
1: Overtem perature fault.
0: No overtem perature fault.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] UVLO_PVDD (R)
[0] OTW (R)
[6] UVLO_VREG (R)
[1] OTF (R)
[5:2] RESERVED
Table 47. Bit Descriptions for STATUS1
Bits
Bit Name
Settings
Description
Reset
Access
7
UVLO_PVDD
PVDD Undervoltage Fault Condition.
0x0
R
0
PVDD ≥ 3.6 V.
1
PVDD undervoltage fault condition.
6
UVLO_VREG
Regulator Undervoltage Fault Condition.
0x0
R
0
No undervoltage fault for AVDD regulator.
1
Undervoltage fault for AVDD regulator.
[5:2]
RESERVED
Reserved.
0x0
R
1
OTF
Overtemperature Fault Condition.
0x0
R
0
No overtemperature fault.
1
Overtemperature fault.
0
OTW
Overtemperature Warning Condition.
0x0
R
0
No overtemperature warning.
1
Overtemperature warning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com