Electronic Components Datasheet Search
  English  ▼

X  

SSM3582ACPZ Datasheet(PDF) 7 Page - Analog Devices

Part # SSM3582ACPZ
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM3582ACPZ Datasheet HTML 3Page - Analog Devices SSM3582ACPZ Datasheet HTML 4Page - Analog Devices SSM3582ACPZ Datasheet HTML 5Page - Analog Devices SSM3582ACPZ Datasheet HTML 6Page - Analog Devices SSM3582ACPZ Datasheet HTML 7Page - Analog Devices SSM3582ACPZ Datasheet HTML 8Page - Analog Devices SSM3582ACPZ Datasheet HTML 9Page - Analog Devices SSM3582ACPZ Datasheet HTML 10Page - Analog Devices SSM3582ACPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
Data Sheet
SSM3582A
Rev. A | Page 7 of 58
Software master power-down indicates that the clocks are turned off. Automatic power-down indicates that there is no dither or zero
input signal with clocks on. The device enters soft power-down after 2048 cycles of zero input values. Quiescent indicates triangular
dither with zero input signal. All specifications are typical, with a 48 kHz sample rate, in stereo mode, unless otherwise noted.
Table 2. Power Supply Current Consumption, No Load1
Edge Rate
Control
Mode
Internal
Regulator
IPVDD
IDVDD
IAVDD
Test Conditions
PVDD = 5 V
PVDD = 12 V
PVDD = 16 V
PVDD = 1.8 V
PVDD = 5 V
Unit
Normal
Disabled
Software master power-down
0.065
0.065
0.065
2.68
7.542
µA
Automatic power-down
0.065
0.065
0.065
43.72
7.542
µA
Quiescent
2.54
4.94
6.25
0.945
6.335
mA
Enabled
Software master power-down
0.065
0.065
0.065
N/A
N/A
µA
Automatic power-down
209
286
329
N/A
N/A
µA
Quiescent
9.78
12.38
14.05
N/A
N/A
mA
Low EMI
Disabled
Software master power-down
0.065
0.065
0.065
2.68
7.542
µA
Automatic power-down
0.065
0.065
0.065
43.72
7.542
µA
Quiescent
2.56
5.01
6.31
0.945
6.171
mA
Enabled
Software master power-down
0.065
0.065
0.065
N/A
N/A
µA
Automatic power-down
209
286
329
N/A
N/A
µA
Quiescent
9.69
12.09
13.74
N/A
N/A
mA
1
N/A means not applicable.
Table 3. Power Supply Current Consumption, 4 Ω + 15 µH1
Edge Rate
Control
Mode
Internal
Regulator
IPVDD
IDVDD
IAVDD
Test Conditions
PVDD = 5 V
PVDD = 12 V
PVDD = 16 V
PVDD = 1.8 V
PVDD = 5 V
Unit
Normal
Disabled
Software master power-down
0.065
0.065
0.065
2.68
7.542
µA
Automatic power-down
0.065
0.065
0.065
43.72
7.542
µA
Quiescent
2.6
4.93
6.25
0.945
6.477
mA
Enabled
Software master power-down
0.065
0.065
0.065
N/A
N/A
µA
Automatic power-down
209
286
329
N/A
N/A
µA
Quiescent
9.83
12.34
13.58
N/A
N/A
mA
Low EMI
Disabled
Software master power-down
0.065
0.065
0.065
2.68
7.542
µA
Automatic power-down
0.065
0.065
0.065
43.72
7.542
µA
Quiescent
2.51
4.62
5.6
0.945
6.182
mA
Enabled
Software master power-down
0.065
0.065
0.065
N/A
N/A
µA
Automatic power-down
209
286
329
N/A
N/A
µA
Quiescent
9.64
11.86
12.87
N/A
N/A
mA
1
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com