Electronic Components Datasheet Search
  English  ▼

X  

WM8941 Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM8941
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941 Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8941 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 96 page
background image
WM8941
Pre Production
w
PP, Rev 3.3, December 2007
50
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49
0
VROI
0
VREF (AVDD/2) to analogue output
resistance
0: approx 1k
Ω
1: approx 30 k
Ω
Table 39 Disabled Outputs to VREF Resistance
A dedicated buffer is available for tying off unused analogue I/O pins as shown in Figure 21. This
buffer can be enabled using the BUFIOEN register bit.
Table 40 summarises the tie-off options for the speaker and mono output pins.
Figure 21 Unused Input/Output Pin Tie-off Buffers
MONOEN/
SPKN/PEN
VROI
OUTPUT CONFIGURATION
0
0
1kΩ tieoff to AVDD/2
0
1
30kΩ tieoff to AVDD/2
1
X
Output enabled (DC level=AVDD/2)
Table 40 Unused Output Pin Tie-off Options
OUTPUT SWITCH
When the device is configured with a 2-wire interface the CSB/GPIO pin can be used as a switch
control input to automatically disable the speaker outputs and enable the mono output. As an
example, when a line is plugged into a jack socket. In this mode, enabled by setting GPIOSEL=001,
pin CSB/GPIO switches between mono and speaker outputs (e.g. when pin 12 is connected to a
mechanical switch in the headphone socket to detect plug-in). The GPIOPOL bit reverses the
polarity of the CSB/GPIO input pin. In 3-wire control mode the GPIO pin can be use in the same
way.
Note that the speaker outputs and the mono output must be enabled for this function to work (see
Table 41). The GPIO has an internal de-bounce circuit when in this mode in order to prevent the
output enables from toggling multiple times due to input glitches. This de-bounce circuit is clocked
from a slow clock with period 221 x MCLK, enabled using the SLOWCLKEN register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com