Electronic Components Datasheet Search
  English  ▼

X  

WM8941 Datasheet(PDF) 66 Page - Wolfson Microelectronics plc

Part # WM8941
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941 Datasheet(HTML) 66 Page - Wolfson Microelectronics plc

Back Button WM8941 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 70Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
WM8941
Pre Production
w
PP, Rev 3.3, December 2007
66
COMPANDING
The WM8941 supports A-law and
µ-law companding on both transmit (ADC) and receive (DAC)
sides. Companding can be enabled on the DAC or ADC audio interfaces by writing the appropriate
value to the DAC_COMP or ADC_COMP register bits respectively. If packed mode companding is
desired the WL8 register bit is available. It will override the normal audio interface WL bits to give an
8-bit word length. Refer to Table 44 Audio Interface Control for setting the output word length.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
DAC_LOOPBAC
K
0
Digital loopback function
0=No DAC loopback
1=Loopback enabled, DAC audio interface
output is fed directly into ADC audio
interface input.
4:3
DAC_COMP
0
DAC decompanding
00=off
01=reserved
10=µ-law
11=A-law
2:1
ADC_COMP
0
ADC companding
00=off
01=reserved
10=µ-law
11=A-law
R5
Companding
control
0
ADC_LOOPBAC
K
0
Digital loopback function
0=No ADC loopback
1=Loopback enabled, ADC data output is
fed directly into DAC data input.
Table 51 Companding Control
Companding involves using a piecewise linear approximation of the following equations (as set out
by ITU-T G.711 standard) for data compression:
µ-law (where µ=255 for the U.S. and Japan):
F(x) = ln( 1 +
µ|x|) / ln( 1 + µ)
-1 ≤ x ≤ 1
A-law (where A=87.6 for Europe):
F(x) = A|x| / ( 1 + lnA)
} for x ≤ 1/A
F(x) = ( 1 + lnA|x|) / (1 + lnA)
} for 1/A ≤ x ≤ 1
The companded data is also inverted as recommended by the G.711 standard (all 8 bits are inverted
for
µ-law, all even data bits are inverted for A-law). The data will be transmitted as the first 8 MSB’s
of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com