Electronic Components Datasheet Search
  English  ▼

X  

BB506CFS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BB506CFS
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB506CFS Datasheet(HTML) 4 Page - Renesas Technology Corp

  BB506CFS Datasheet HTML 1Page - Renesas Technology Corp BB506CFS Datasheet HTML 2Page - Renesas Technology Corp BB506CFS Datasheet HTML 3Page - Renesas Technology Corp BB506CFS Datasheet HTML 4Page - Renesas Technology Corp BB506CFS Datasheet HTML 5Page - Renesas Technology Corp BB506CFS Datasheet HTML 6Page - Renesas Technology Corp BB506CFS Datasheet HTML 7Page - Renesas Technology Corp BB506CFS Datasheet HTML 8Page - Renesas Technology Corp BB506CFS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BB506C
Rev.1.00
Jun. 27, 2005,
page 4 of 8
Main Characteristics
Typical Output Characteristics
0
5
10
15
20
25
01
2
3
4
5
01
2
3
4
5
01
2
3
45
Drain to Source Voltage VDS (V)
68 k
Ω
82 k
Ω
100 k
Ω
120 k
Ω
150 k
Ω
R G
= 180
kΩ
VG2S = 4 V
VDS = VG1
Forward Transfer Admittance
vs. Gate1 Voltage
0
10
20
30
40
50
Gate1 Voltage VG1 (V)
VG2S = 0
VDS = 5 V
VG2S =4 V
RG = 100 kΩ
f = 1 kHz
Drain Current vs. Gate1 Voltage
0
5
10
15
20
25
Gate1 Voltage VG1 (V)
VG2S = 1 V
2 V
2 V
1 V
3 V
3 V
4 V
4 V
VDS = 5 V
VG2S = 4 V
RG = 100 kΩ
Maximum Channel Power Dissipation Curve
Ambient Temperature Ta (
°C)
* Value on the glass epoxy board (50 mm
× 40 mm × 1 mm)
400
300
200
100
0
50
100
150
200
Input Capacitance vs.
Gate2 to Source Voltage
0
1
2
3
4
5
01
2
3
4
Gate2 to Source Voltage VG2S (V)
VDS = 5 V
VG1 = 5 V
RG = 100 kΩ
f = 1 MHz
Drain Current vs. Gate Resistance
0
5
10
15
20
25
10
100
1000
Gate Resistance RG (kΩ)
VDS = VG1 = 5 V
VG2S = 4 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com