Electronic Components Datasheet Search
  English  ▼

X  

BB506CFS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # BB506CFS
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB506CFS Datasheet(HTML) 5 Page - Renesas Technology Corp

  BB506CFS Datasheet HTML 1Page - Renesas Technology Corp BB506CFS Datasheet HTML 2Page - Renesas Technology Corp BB506CFS Datasheet HTML 3Page - Renesas Technology Corp BB506CFS Datasheet HTML 4Page - Renesas Technology Corp BB506CFS Datasheet HTML 5Page - Renesas Technology Corp BB506CFS Datasheet HTML 6Page - Renesas Technology Corp BB506CFS Datasheet HTML 7Page - Renesas Technology Corp BB506CFS Datasheet HTML 8Page - Renesas Technology Corp BB506CFS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BB506C
Rev.1.00
Jun. 27, 2005,
page 5 of 8
0
10
20
30
40
50
10
100
1000
VDS = 5 V
VG1 = 5 V
VG2S = 4 V
f = 900 MHz
0
1
2
3
4
5
10
100
1000
VDS = 5 V
VG1 = 5 V
VG2S = 4 V
f = 900 MHz
0
5
10
15
20
25
12
3
4
12
3
4
VDS = 5 V
VG1 =5 V
RG = 100 kΩ
f = 900 MHz
0
1
2
3
4
5
VDS = 5 V
VG1 = 5 V
RG = 100 kΩ
f = 900 MHz
0
5
10
15
20
25
30
35
40
01
2
3
4
VDS = 5 V
VG1 = 5 V
RG = 100 kΩ
f = 900 MHz
Gate Resistance RG (kΩ)
Noise Figure vs. Gate Resistance
Power Gain vs. Gate Resistance
Gate Resistance RG (kΩ)
Gate2 to Source Voltage VG2S (V)
Power Gain vs.
Gate2 to Source Voltage
Noise Figure vs.
Gate2 to Source Voltage
Gate2 to Source Voltage
VG2S (V)
Gain Reduction vs.
Gate2 to Source Voltage
Gate2 to Source Voltage VG2S (V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com