Electronic Components Datasheet Search
  English  ▼

X  

PI6CB18601 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI6CB18601
Description  Very Low Power 6-Output PCIe Clock Buffer With On-chip Termination
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB18601 Datasheet(HTML) 4 Page - Diodes Incorporated

  PI6CB18601 Datasheet HTML 1Page - Diodes Incorporated PI6CB18601 Datasheet HTML 2Page - Diodes Incorporated PI6CB18601 Datasheet HTML 3Page - Diodes Incorporated PI6CB18601 Datasheet HTML 4Page - Diodes Incorporated PI6CB18601 Datasheet HTML 5Page - Diodes Incorporated PI6CB18601 Datasheet HTML 6Page - Diodes Incorporated PI6CB18601 Datasheet HTML 7Page - Diodes Incorporated PI6CB18601 Datasheet HTML 8Page - Diodes Incorporated PI6CB18601 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
A product Line of
Diodes Incorporated
PI6CB18601
www.diodes.com
June 2020
Diodes Incorporated
PI6CB18601
Document Number DS40505 Rev 3-2
SMBus Address Selection Table
SADR
Address
+Read/Write Bit
State of SADR on first application of PD#
0
1101011
X
M
1101100
X
1
1101101
X
Power Management Table
PD#
IN
SMBus OE bit
OEn#
Qn+
Qn-
PLL Status
0
X
X
X
Low
Low
Off
1
Running
0
X
Low
Low
On(1)
1
Running
1
0
Running
Running
On(1)
1
Running
1
1
Low
Low
On(1)
Note:
1. If PLL Bypass mode is selected, the PLL will be off and outputs will be running.
PLL Operating Mode Select Table
BW_SEL_TRI
Operating Mode
Byte1 [7:6] Readback
Byte1 [4:3] Readback
0
PLL with low Bandwidth
00
00
M
PLL Bypass
01
01
1
PLL with high Bandwidth
11
11
Frequency Select table
Freq. Select Byte 3 [4:3]
IN (MHz)
Qn (MHz)
00 (default)
100
100
01
50
50
10
125
125
11
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com