Electronic Components Datasheet Search
  English  ▼

X  

PI6CB18601 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI6CB18601
Description  Very Low Power 6-Output PCIe Clock Buffer With On-chip Termination
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB18601 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI6CB18601 Datasheet HTML 1Page - Diodes Incorporated PI6CB18601 Datasheet HTML 2Page - Diodes Incorporated PI6CB18601 Datasheet HTML 3Page - Diodes Incorporated PI6CB18601 Datasheet HTML 4Page - Diodes Incorporated PI6CB18601 Datasheet HTML 5Page - Diodes Incorporated PI6CB18601 Datasheet HTML 6Page - Diodes Incorporated PI6CB18601 Datasheet HTML 7Page - Diodes Incorporated PI6CB18601 Datasheet HTML 8Page - Diodes Incorporated PI6CB18601 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
www.diodes.com
June 2020
Diodes Incorporated
PI6CB18601
Document Number DS40505 Rev 3-2
A product Line of
Diodes Incorporated
PI6CB18601
Very Low Power 6-Output PCIe Clock Buffer With On-chip Termination
Features
Î
Î
1.8V supply voltage
Î
Î
HCSL input: 100MHz, also support 50MHz or 125MHz via
SMBus
Î
Î
6 differential low power HCSL outputs with on-chip
termination
Î
Î
Individual output enable
Î
Î
Programmable Slew rate and output amplitude for each output
Î
Î
Differential outputs blocked until PLL is locked
Î
Î
Strapping pins or SMBus for configuration;
Î
Î
3.3V tolerant SMBus interface support
Î
Î
Very low jitter outputs
Î
ß
Differential cycle-to-cycle jitter <50ps
Î
ß
Differential output-to-output skew <50ps
Î
ß
PCIe Gen1/Gen2/Gen3/Gen4 compliant
Î
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Î
Î
Halogen and Antimony Free. “Green” Device (Note 3)
Î
Î
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Î
Î
Packaging (Pb-free & Green): 40-lead 5×5mm TQFN
Description
The PI6CB18601 is an 6-output very low power PCIe Gen1/Gen2/
Gen3/Gen4 clock buffer. It takes an reference input to fanout
eight 100MHz low power differential HCSL outputs with on-chip
terminations.Theon-chipterminationcansave24externalresistors
andmakelayouteasier.IndividualOEpinforeachoutputprovides
easier power management.
It uses Diodes proprietary PLL design to achieve very low jitter
that meets PCIe Gen1/Gen2/Gen3/Gen4 requirements. Other
than PCIe 100MHz support, this device also support Ethernet ap-
plication with 50MHz or 125MHz via SMBus. It provides various
options such as different slew rate and amplitude through strap-
ping pins or SMBUS so that users can configure the device easily
to get the optimized performance for their individual boards.
Block Diagram
IN+
IN-
SCLK
SDATA
OE[5:0]#
CTRL
LOGIC
Q0
Q1
Q2
Q3
Q4
Q5
SADR_TRI
BW_SEL_TRI
PD#
PLL
b
P
Lead-free Green
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.


Similar Part No. - PI6CB18601

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CB184Q DIODES-PI6CB184Q Datasheet
889Kb / 17P
4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
Rev 4 - 2 September 2022
PI6CB184Q1ZHQEX DIODES-PI6CB184Q1ZHQEX Datasheet
889Kb / 17P
4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
Rev 4 - 2 September 2022
PI6CB184Q2ZHQEX DIODES-PI6CB184Q2ZHQEX Datasheet
889Kb / 17P
4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
Rev 4 - 2 September 2022
More results

Similar Description - PI6CB18601

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CG33402C DIODES-PI6CG33402C Datasheet
1Mb / 24P
3.3V Very-Low Power 4-Output PCIe Clock Generator With On-chip Termination
January 2020
PI6CBF18501 DIODES-PI6CBF18501 Datasheet
1Mb / 17P
Very Low Power 5-Output PCIe Fanout Buffer With On-chip Termination
October 2020
PI6CG15401 DIODES-PI6CG15401 Datasheet
1Mb / 18P
Ultra Low Power 4-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2022
PI6CG18200 DIODES-PI6CG18200 Datasheet
1Mb / 18P
Very Low Power 2-Output PCIe Clock Generator
Rev 5 - 2 July 2020
PI6CG33201C DIODES-PI6CG33201C Datasheet
1Mb / 24P
3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33202C DIODES-PI6CG33202C Datasheet
1Mb / 24P
3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33401C DIODES-PI6CG33401C Datasheet
1Mb / 24P
3.3V Very-Low-Power 4-Output PCIe Clock Generator With On-Chip Termination
Rev 3 - 2 January 2020
PI6CG33801C DIODES-PI6CG33801C Datasheet
1Mb / 24P
3.3V Very Low Power 8-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33802C DIODES-PI6CG33802C Datasheet
1Mb / 24P
3.3V Very Low Power 8-Output PCIe Clock Generator With On-Chip Termination
January 2020
logo
Renesas Technology Corp
6P41282 RENESAS-6P41282 Datasheet
633Kb / 15P
6-Output Very Low-Power PCIe Gen1–4 Clock Generator with Zo=100Ω
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com