Electronic Components Datasheet Search
  English  ▼

X  

PI6CB18601 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # PI6CB18601
Description  Very Low Power 6-Output PCIe Clock Buffer With On-chip Termination
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB18601 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button PI6CB18601 Datasheet HTML 9Page - Diodes Incorporated PI6CB18601 Datasheet HTML 10Page - Diodes Incorporated PI6CB18601 Datasheet HTML 11Page - Diodes Incorporated PI6CB18601 Datasheet HTML 12Page - Diodes Incorporated PI6CB18601 Datasheet HTML 13Page - Diodes Incorporated PI6CB18601 Datasheet HTML 14Page - Diodes Incorporated PI6CB18601 Datasheet HTML 15Page - Diodes Incorporated PI6CB18601 Datasheet HTML 16Page - Diodes Incorporated PI6CB18601 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
A product Line of
Diodes Incorporated
PI6CB18601
www.diodes.com
June 2020
Diodes Incorporated
PI6CB18601
Document Number DS40505 Rev 3-2
Alternate Differential Output Terminations
Component
Receiver with termination
Receiver without termination
Unit
R1a, R1b
10,000
140
W
R2a, R2b
5,600
75
W
CC
0.1
0.1
mF
VCM
1.2
1.2
V
Figure 3. Power Supply Filter
m
0.1µF
0.1µF
10µF
1.8V ± 5%
1Ω or
VDD_Ox
VDDA
Ferrite Bead
PI6CB18
601ZLAIE
YYYWWXX
1st Y: Die Rev
YY: Year
WW: Work week
1st X: Assembly Code
2nd X: Fab Code
Part Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com