Electronic Components Datasheet Search
  English  ▼

X  

W255 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # W255
Description  200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W255 Datasheet(HTML) 4 Page - Cypress Semiconductor

  W255 Datasheet HTML 1Page - Cypress Semiconductor W255 Datasheet HTML 2Page - Cypress Semiconductor W255 Datasheet HTML 3Page - Cypress Semiconductor W255 Datasheet HTML 4Page - Cypress Semiconductor W255 Datasheet HTML 5Page - Cypress Semiconductor W255 Datasheet HTML 6Page - Cypress Semiconductor W255 Datasheet HTML 7Page - Cypress Semiconductor W255 Datasheet HTML 8Page - Cypress Semiconductor W255 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
W255
Document #: 38-07255 Rev. *D
Page 4 of 10
Maximum Ratings
Supply Voltage to Ground Potential ..................–0.5 to +7.0V
DC Input Voltage (except BUF_IN) ............ –0.5V to VDD+0.5
Storage Temperature.................................. –65°C to +150°C
Static Discharge Voltage........................................... > 2000V
(per MIL-STD-883, Method 3015)
Operating Conditions[2]
Parameter
Description
Min.
Typ.
Max.
Unit
VDD3.3
Supply Voltage
3.135
3.465
V
VDD2.5
Supply Voltage
2.375
2.625
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
COUT
Output Capacitance
6
pF
CIN
Input Capacitance
5
pF
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Input LOW Voltage
For all pins except SMBus
0.8
V
VIH
Input HIGH Voltage
2.0
V
IIL
Input LOW Current
VIN = 0V
50
µA
IIH
Input HIGH Current
VIN = VDD
50
µA
IOH
Output HIGH Current
VDD = 2.375V
VOUT = 1V
–18
–32
mA
IOL
Output LOW Current
VDD = 2.375V
VOUT = 1.2V
26
35
mA
VOL
Output LOW Voltage[3]
IOL = 12 mA, VDD = 2.375V
0.6
V
VOH
Output HIGH Voltage[3]
IOH = –12 mA, VDD = 2.375V
1.7
V
IDD
Supply Current[3]
(DDR-only mode)
Unloaded outputs, 133 MHz
400
mA
IDD
Supply Current
(DDR-only mode)
Loaded outputs, 133 MHz
500
mA
IDDS
Supply Current
PWR_DWN# = 0
100
µA
VOUT
Output Voltage Swing
See test circuity (refer to
Figure 1)
0.7
VDD +0.6
V
VOC
Output Crossing Voltage
(VDD/2) –
0.1
VDD/2
(VDD/2) +
0.1
V
INDC
Input Clock Duty Cycle
48
52
%
Switching Characteristics [4]
Parameter
Name
Test Conditions
Min.
Typ.
Max.
Unit
–
Operating Frequency
66
200
MHz
–
Duty Cycle[3, 5] = t2 ÷ t1
Measured at 1.4V for 3.3V outputs
Measured at VDD/2 for 2.5V outputs
INDC –
5%
INDC +
5%
%
t3
SDRAM Rising Edge Rate[3]
Measured between 0.4V and 2.4V
1.0
2.75
V/ns
t4
SDRAM Falling Edge Rate[3]
Measured between 2.4V and 0.4V
1.0
2.75
V/ns
t3d
DDR Rising Edge Rate[3]
Measured between 20% to 80% of
output (refer to Figure 1)
0.5
1.50
V/ns
Notes:
2. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
3. Parameter is guaranteed by design and characterization. Not 100% tested in production.
4. All parameters specified with loaded outputs.
5. Duty cycle of input clock is 50%. Rising and falling edge rate is greater than 1 V/ns.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com