Electronic Components Datasheet Search
  English  ▼

X  

W255 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # W255
Description  200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W255 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button W255 Datasheet HTML 2Page - Cypress Semiconductor W255 Datasheet HTML 3Page - Cypress Semiconductor W255 Datasheet HTML 4Page - Cypress Semiconductor W255 Datasheet HTML 5Page - Cypress Semiconductor W255 Datasheet HTML 6Page - Cypress Semiconductor W255 Datasheet HTML 7Page - Cypress Semiconductor W255 Datasheet HTML 8Page - Cypress Semiconductor W255 Datasheet HTML 9Page - Cypress Semiconductor W255 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
W255
Document #: 38-07255 Rev. *D
Page 6 of 10
Ordering Information
Ordering Code
Package Type
Operating Range
W255H
48-pin SSOP
Commercial
W255HT
48-pin SSOP–Tape and Reel Option
Commercial
Lead-free
CYW255OXC
48-pin SSOP
Commercial
CYW255OXCT
48-pin SSOP–Tape and Reel Option
Commercial
)
)
RT =120Ω
Receiver
60W
60W
VCC
VCC
Device
Under
Test
Figure 1. Differential Signal Using Direct Termination Resistor
Figure 1 shows the differential clock directly terminated by a 120
Ω resistor.
Out
Out
VTR
VCP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com