Electronic Components Datasheet Search
  English  ▼

X  

W255 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W255
Description  200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W255 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W255 Datasheet HTML 1Page - Cypress Semiconductor W255 Datasheet HTML 2Page - Cypress Semiconductor W255 Datasheet HTML 3Page - Cypress Semiconductor W255 Datasheet HTML 4Page - Cypress Semiconductor W255 Datasheet HTML 5Page - Cypress Semiconductor W255 Datasheet HTML 6Page - Cypress Semiconductor W255 Datasheet HTML 7Page - Cypress Semiconductor W255 Datasheet HTML 8Page - Cypress Semiconductor W255 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
W255
Document #: 38-07255 Rev. *D
Page 2 of 10
Pin Summary
Pin Name
Pins
Pin Description
SEL_DDR
48
Input to configure for DDR-ONLY mode or STANDARD SDRAM
mode.
1 = DDR-ONLY mode.
0 = STANDARD SDRAM mode.
When SEL_DDR is pulled HIGH or configured for DDR-ONLY mode, pin
4, 5, 6, 7, 10, 11,15, 16, 19, 20, 21, 22, 27, 28, 29, 30, 33, 34, 38, 39,
42, 43, 44 and 45 will be configured as DDR outputs.
Connect VDD3.3_2.5 to a 2.5V power supply in DDR-ONLY mode.
When SEL_DDR is pulled LOW or configured for STANDARD SDRAM
output, pin 4, 5, 6, 7, 10, 11, 15, 16, 19 and 20, 21, 22 will be configured
as STANDARD SDRAM outputs.Pin 27, 28, 29, 30, 33, 34, 38, 39, 42,
43, 44 and 45 will be configured as DDR outputs.
Connect VDD3.3_2.5 to a 3.3V power supply in STANDARD SDRAM
mode.
SCLK
25
SMBus clock input
SDATA
24
SMBus data input
BUF_IN
13
Reference input from chipset. 2.5V input for DDR-ONLY mode; 3.3V
input for STANDARD SDRAM mode.
FBOUT
1
Feedback clock for chipset. Output voltage depends on VDD3.3_2.5V.
PWR_DWN#
36
Active LOW input to enable power-down mode; all outputs will be
pulled LOW.
DDR[6:11]T
28, 30, 34, 39, 43, 45
Clock outputs. These outputs provide copies of BUF_IN.
DDR[6:11]C
27, 29, 33, 38, 42, 44
Clock outputs. These outputs provide complementary copies of
BUF_IN.
DDR[0:5]T_SDRAM
[10,0,2,4,6,8]
4, 6, 10, 15, 19, 21
Clock outputs. These outputs provide copies of BUF_IN. Voltage swing
depends on VDD3.3_2.5 power supply.
DDR[0:5]C_SDRAM
[11,1,3,5,7,9]
5, 7, 11, 16, 20, 22
Clock outputs. These outputs provide complementary copies of
BUF_IN when SEL_DDR is active. These outputs provide copies of
BUF_IN when SEL_DDR is inactive. Voltage swing depends on
VDD3.3_2.5 power supply.
VDD3.3_2.5
2, 8, 12, 17, 23
Connect to 2.5V power supply when W255 is configured for
DDR-ONLY mode. Connect to 3.3V power supply, when W255 is
configured for standard SDRAM mode.
VDD2.5
32, 37, 41, 47
2.5V voltage supply
GND
3, 9, 14, 18, 26, 31, 35, 40, 46 Ground



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com