Electronic Components Datasheet Search
  English  ▼

X  

GSERIES Datasheet(PDF) 4 Page - XP Power Limited

Part # GSERIES
Description  DC-HVDC C ONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GSERIES Datasheet(HTML) 4 Page - XP Power Limited

  GSERIES Datasheet HTML 1Page - XP Power Limited GSERIES Datasheet HTML 2Page - XP Power Limited GSERIES Datasheet HTML 3Page - XP Power Limited GSERIES Datasheet HTML 4Page - XP Power Limited GSERIES Datasheet HTML 5Page - XP Power Limited GSERIES Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
DC-HVDC CONVERTER
G Series
Model Number
Output Voltage
Output Current(1)
input Current
Ripple
No Load
Full Load
G01
0 to 100V
15mA
<100mA
<250mA
<1.75%
G01CT
0 to +/-50V
15mA
<100mA
<250mA
<1.75%
G02
0 to 200V
7.5mA
<100mA
<250mA
<0.75%
G02CTAB
0 to +/-100V
7.5mA
<100mA
<250mA
<0.75%
G03
0 to 300V
5mA
<100mA
<250mA
<0.75%
G03CTAB
0 to +/-150V
5mA
<100mA
<250mA
<0.75%
G04
0 to 400V
3.75mA
<100mA
<250mA
<0.75%
G04CTR
0 to +/-200V
3.75mA
<100mA
<250mA
<0.75%
G05
0 to 500V
3mA
<100mA
<250mA
<0.1%
G06
0 to 600V
2.5mA
<100mA
<250mA
<0.1%
G10
0 to 1000V
1.5mA
<100mA
<250mA
<0.1%
G12
0 to 1200V
1.25mA
<150mA
<275mA
<0.1%
G12AB
0 to 1200V
1.25mA
<150mA
<275mA
<0.1%
G12CTR
0 to +/-600V
1.25mA
<150mA
<275mA
<0.1%
G15
0 to 1500V
1mA
<125mA
<275mA
<0.5%
G15AB
0 to 1500V
1mA
<125mA
<275mA
<0.5%
G20
0 to 2000V
0.75mA
<165mA
<275mA
<0.5%
G25
0 to 2500V
0.6mA
<125mA
<275mA
<1%
G25AB
0 to 2500V
0.6mA
<125mA
<275mA
<1%
G25CT
0 to +/-1250V
0.6mA
<125mA
<275mA
<1%
G30
0 to 3000V
0.5mA
<125mA
<300mA
<2%
G30AB
0 to 3000V
0.5mA
<125mA
<300mA
<2%
G30CT
0 to +/-1500V
0.5mA
<125mA
<300mA
<2%
G40
0 to 4000V
0.37mA
<125mA
<300mA
<1%
G40RAB
0 to 4000V
0.37mA
<125mA
<300mA
<1%
G50
0 to 5000V
0.3mA
<125mA
<300mA
<2%
G50AB
0 to 5000V
0.3mA
<125mA
<300mA
<2%
G50CT
0 to +/-2500V
0.3mA
<125mA
<300mA
<2%
G60
0 to 6000V
0.25mA
<125mA
<300mA
<2%
G60RAB
0 to 6000V
0.25mA
<125mA
<300mA
<2%
G60CT
0 to +/-3000V
0.25mA
<125mA
<300mA
<2%
G60CTAB
0 to +/-3000V
0.25mA
<125mA
<300mA
<2%
GPMT
0 to 1250V
0.35mA
<35mA
<75mA
<0.05%
Models & Ratings
Notes:
1. All orderable part numbers are listed above.
2. CT indicates dual output, center tap. Negative side will be ~10% larger than positive side w.r.t. the center tap pin.
3. AB suffix indicates external shield, see Mechanicals.
4. R suffix is used as a RoHS indicator for legacy models.
5. Model GPMT is rated for 0.4375 Watts.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com