Electronic Components Datasheet Search
  English  ▼

X  

GSERIES Datasheet(PDF) 1 Page - XP Power Limited

Part # GSERIES
Description  DC-HVDC C ONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GSERIES Datasheet(HTML) 1 Page - XP Power Limited

  GSERIES Datasheet HTML 1Page - XP Power Limited GSERIES Datasheet HTML 2Page - XP Power Limited GSERIES Datasheet HTML 3Page - XP Power Limited GSERIES Datasheet HTML 4Page - XP Power Limited GSERIES Datasheet HTML 5Page - XP Power Limited GSERIES Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
G Series
The G Series is a line of miniature high voltage converters that provide up to 6kV output,
positive or negative, in a compact PCB mount package. The isolated output is directly
proportional to the input, and is linear from approximately 0.7 volts in. Excellent filtering
techniques and a low noise quasi-sinewave oscillator provide clean, reliable DC to HV DC
conversion with low ripple and low EMI/RFI.
The isolated output allows for user selectable output polarity. When the optional center-tap
pin is grounded, the unit provides both positive and negative outputs from one compact,
low cost module. The pin pattern used on this model has become an industry standard for
high voltage modules. The G Series units are component level converters that are easy to
integrate, low cost, and come with decades of field proven reliability.
1.5W
DC-HVDC CONVERTER
Features
• Output Voltages from 100V to 6kV
• Output Voltage Proportional to Input
• Low Turn-on Voltage 0.7VDC
• Input to Output Isolation
• Dual Output Models
• No Minimum Load
• 3 Year Warranty
Typical Applications
• Mass Spectrometry
• Electrostatic Chucks
• Electrophoresis
• Capacitor Charging
• Particle Counter
• Ignition/Spark
• Sustaining Ion Pumps
CONVECTION
COOLED
1.50 x 1.50 x 0.63" (38.1 x 38.1 x 16.0mm)
Dimensions
Block Diagram
OSCILLATOR
RECTIFIER &
MULTIPLIER
(-) In
1
2
3
4
5
+
Center Tap (for Dual Output option)
(-) Output
(+) Output
Transformer
(+) In


Similar Part No. - GSERIES

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
GSERIES OHMITE-GSERIES Datasheet
317Kb / 2P
Capacitor Discharge
More results

Similar Description - GSERIES

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
List of Unclassifed Man...
EFRG-P2657H ETC2-EFRG-P2657H Datasheet
336Kb / 2P
1U HVDC 650W Server Power Supply
logo
Murata Power Solutions ...
D1U54-HD-1200-12-HA4C MURATA-PS-D1U54-HD-1200-12-HA4C Datasheet
452Kb / 8P
54mm 1U Front End HVDC Power Supply Converter
logo
XP Power Limited
HRL30 XPPOWER-HRL30 Datasheet
431Kb / 6P
DC-HVDC Converter
logo
ETA-USA
ZWF360 ETA-USA-ZWF360 Datasheet
1Mb / 4P
360W A C/DC
logo
XP Power Limited
IAB01 XPPOWER-IAB01 Datasheet
2Mb / 5P
DC-DC C ONVERTER
19 July 2022
IEB01 XPPOWER-IEB01 Datasheet
1Mb / 5P
DC-DC C ONVERTER
20 July 2022
IVB01 XPPOWER-IVB01 Datasheet
2Mb / 5P
DC-DC C ONVERTER
19 July 2022
JMR03 XPPOWER-JMR03 Datasheet
1Mb / 5P
DC-DC C ONVERTER
10 March 2022
IES01 XPPOWER-IES01_V01 Datasheet
2Mb / 6P
DC-DC C ONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com