Electronic Components Datasheet Search
  English  ▼

X  

GSERIES Datasheet(PDF) 2 Page - XP Power Limited

Part # GSERIES
Description  DC-HVDC C ONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GSERIES Datasheet(HTML) 2 Page - XP Power Limited

  GSERIES Datasheet HTML 1Page - XP Power Limited GSERIES Datasheet HTML 2Page - XP Power Limited GSERIES Datasheet HTML 3Page - XP Power Limited GSERIES Datasheet HTML 4Page - XP Power Limited GSERIES Datasheet HTML 5Page - XP Power Limited GSERIES Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Notes:
1. Maximum rated output current is available at maximum rated output voltage and
derates linearly as input voltage is decreased.
2. Output voltage is load dependent. Under light or no-load conditions, reduce the
input voltage so maximum rated output voltage is not exceeded.
3. Specifications after 30 minute warm-up, full load, at 25°C unless otherwise
indicated.
4. Proper thermal management techniques are required to maintain safe case
temperature at maximum power output.
5. Ripple specification for center-tapped units applies to the voltage between the
positive and negative output terminals.
6. Models G40, G50 & G60 do not have internal bleeder resistors on the output.
Provisions must be made externally to discharge the output capacitors.
DC-HVDC CONVERTER
G Series
2
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
6000
VDC
See Models & Ratings table
Output Current
15
mA
See Models & Ratings table
Output Voltage Tolerance
±3
%
At Max Vout, Full Load
Minimum Load
No minimum load required
Regulation
Unregulated, Output is proportional to Input. Unloaded output voltage is typically 10% higher than unloaded.
Ripple and Noise
0.1
2.0
%
See Models & Ratings table
Response Time
15
msec
0 to Max Vout, Full Load [G01 to G60]
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
0.7
12
VDC
Input Current, No Load
175
mA
See Models and Ratings Table.
Input Current, Full Load
400
mA
See Models and Ratings Table.
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-10
+60
°C
Case temperature
Storage Temperature
-25
+90
°C
Cooling
Natural convection
Humidity
95
%RH
Non-condensing
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Isolation: Input to Output
3500
V
<±3500 Bias
Switching Frequency
60
190
kHz
Stable frequency over entire output voltage range
Construction
Case material is Diallyl Phthalate (DAP). UL 94 V-0 rated solid vacuum encapsulation
Mean Time Between Failure
2.29
Mhrs
Bellcore TR 332
General



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com