Electronic Components Datasheet Search
  English  ▼

X  

PE1001 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PE1001
Description  PE Range Moulded Case Current Transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PE1001 Datasheet(HTML) 1 Page - Tyco Electronics

  PE1001 Datasheet HTML 1Page - Tyco Electronics PE1001 Datasheet HTML 2Page - Tyco Electronics PE1001 Datasheet HTML 3Page - Tyco Electronics PE1001 Datasheet HTML 4Page - Tyco Electronics PE1001 Datasheet HTML 5Page - Tyco Electronics PE1001 Datasheet HTML 6Page - Tyco Electronics PE1001 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PE Range
Moulded Case Current Transformers
http://energy.tycoelectronics.com
Energy Division


Similar Part No. - PE1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1001-1 PASTERNACK-PE1001-1 Datasheet
202Kb / 2P
Hermetic Seal Solder Contact With 0.012 Pin Diameter, 0.1 Body Diameter And 0.18 Pin Length
PE1001-2 PASTERNACK-PE1001-2 Datasheet
203Kb / 2P
HERMETIC Seal Solder Contact with 0.015 Pin Diameter
PE1001-3 PASTERNACK-PE1001-3 Datasheet
203Kb / 2P
Hermetic Seal Solder Contact With 0.018 Pin Diameter 0.112 Body Diameter And 0.18 Pin Length
PE1001-4 PASTERNACK-PE1001-4 Datasheet
202Kb / 2P
Hermetic Seal Solder Contact With 0.02 Pin Diameter, 0.158 Body Diameter And 0.07 Pin Length
PE1001-5 PASTERNACK-PE1001-5 Datasheet
202Kb / 2P
Hermetic Seal Solder Contact With 0.02 Pin Diameter 0.158 Body Diameter And 0.229 Pin Length
More results

Similar Description - PE1001

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ACL-AP851 OHMITE-ACL-AP851 Datasheet
707Kb / 2P
Moulded case for proctection and easy to mount
logo
Myrra
74500 MYRRA-74500 Datasheet
84Kb / 1P
CURRENT TRANSFORMERS
74520 MYRRA-74520 Datasheet
100Kb / 1P
CURRENT TRANSFORMERS
74530 MYRRA-74530 Datasheet
102Kb / 1P
CURRENT TRANSFORMERS
74540 MYRRA-74540 Datasheet
87Kb / 1P
CURRENT TRANSFORMERS
74550 MYRRA-74550 Datasheet
97Kb / 1P
CURRENT TRANSFORMERS
74560 MYRRA-74560 Datasheet
108Kb / 1P
CURRENT TRANSFORMERS
74570 MYRRA-74570 Datasheet
97Kb / 1P
CURRENT TRANSFORMERS
logo
Schneider Electric
GT1330 SCHNEIDER-GT1330 Datasheet
62Kb / 2P
MOULDED CASE CIRCUIT BREAKER GROUND FAULT SENSOR
Apr 19, 2021
S29433 SCHNEIDER-S29433 Datasheet
161Kb / 2P
H-FRAME 120VAC MOULDED CASE CIRCUIT BREAKER MOTOR OPERATOR
Apr 19, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com