Electronic Components Datasheet Search
  English  ▼

X  

PE1001 Datasheet(PDF) 5 Page - Tyco Electronics

Part # PE1001
Description  PE Range Moulded Case Current Transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PE1001 Datasheet(HTML) 5 Page - Tyco Electronics

  PE1001 Datasheet HTML 1Page - Tyco Electronics PE1001 Datasheet HTML 2Page - Tyco Electronics PE1001 Datasheet HTML 3Page - Tyco Electronics PE1001 Datasheet HTML 4Page - Tyco Electronics PE1001 Datasheet HTML 5Page - Tyco Electronics PE1001 Datasheet HTML 6Page - Tyco Electronics PE1001 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Moulded Case Measuring Current Transformers
4
PE 501 Range
Case Size:
78mm wide x 46mm deep x 100mm high
3.0" wide x 1.8" deep x 3.9" high
Aperture:
30 x 10mm, 20 x 20mm horizontal & vertical
1.2" x 0.4", 0.8" x 0.8" horizontal & vertical
Weight:
0.65Kg
Model Type
Ratio Range
VA at
VA at
VA at
Class 3
Class 1
Class 0.5
PE501
100/5
7.5
5
2.5
PE501
150/5
15
10
7.5
PE501
200/5
25
15
10
PE501
250/5
25
15
10
PE501
300/5
25
15
10
PE501
400/5
-
-
30
PE501
500/5
-
-
30
PE501
600/5
-
-
30
Ordering Codes
PE501-
Add suffix to depict required ratio range.
For example: PE501-100/5
PE 601 Range
Case Size:
85mm wide x 32mm deep x 108mm high
3.3" wide x 1.3" deep x 4.2" high
Aperture:
60 x 10mm, 50 x 30mm and 45mm diameter
2.3" x 0.4", 1.9" x 1.2" and 1.7" diameter
Weight:
0.45Kg
Model Type
Ratio Range
VA at
VA at
VA at
Class 3
Class 1
Class 0.5
PE601
400/5
-
10
-
PE601
500/5
-
10
-
PE601
600/5
-
15
10
PE601
750/5
-
15
10
PE601
800/5
-
15
10
PE601
1000/5
-
15
10
PE601
1200/5
-
-
15
PE601
1250/5
-
-
15
PE601
1500/5
-
-
15
PE601
1600/5
-
-
15
Ordering Codes
PE601-
Add suffix to depict required ratio range.
For example: PE601-400/5
Dimensions
Dimensions
85mm
3.3"
100mm
3.9"
46mm
1.8"
78mm
3.0"
108mm
4.2"
32mm
1.3"



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com