Electronic Components Datasheet Search
  English  ▼

X  

PE1001 Datasheet(PDF) 3 Page - Tyco Electronics

Part # PE1001
Description  PE Range Moulded Case Current Transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PE1001 Datasheet(HTML) 3 Page - Tyco Electronics

  PE1001 Datasheet HTML 1Page - Tyco Electronics PE1001 Datasheet HTML 2Page - Tyco Electronics PE1001 Datasheet HTML 3Page - Tyco Electronics PE1001 Datasheet HTML 4Page - Tyco Electronics PE1001 Datasheet HTML 5Page - Tyco Electronics PE1001 Datasheet HTML 6Page - Tyco Electronics PE1001 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Moulded Case Measuring Current Transformers
2
78mm
3.0"
45mm
1.7"
55mm
2.1"
55mm
2.1"
78mm
3.0"
45mm
1.7"
PEWPL Range
Case Size:
55mm wide x 45mm deep x 78mm high
2.1" wide x 1.7" deep x 3.0" high
Fixing:
M8 stud primary bar
Weight:
0.45Kg
Model Type
Ratio Range
VA at
VA at
VA at
Class 3
Class 1
Class 0.5
PEWPL
5/5
-
5
-
PEWPL
10/5
-
5
-
PEWPL
15/5
-
5
-
PEWPL
20/5
-
5
-
PEWPL
25/5
-
5
-
PEWPL
30/5
-
5
-
PEWPL
40/5
-
5
-
PEWPL
60/5
-
5
-
Ordering Codes
PEWPL-
Add suffix to depict required ratio range.
For example: PEWPL-5/5
PE 201 Range
Case Size:
55mm wide x 45mm deep x 78mm high
2.1" wide x 1.7" deep x 3.0" high
Aperture:
20mm diameter
0.8" diameter
Weight:
0.4Kg
Model Type
Ratio Range
VA at
VA at
VA at
Class 3
Class 1
Class 0.5
PE201
30/5
1.5
-
-
PE201
40/5
1.5
-
-
PE201
50/5
-
1.5
-
PE201
60/5
-
1.5
-
PE201
80/5
-
4
-
PE201
100/5
-
4
-
PE201
200/5
-
8
-
PE201
250/5
-
10
-
Ordering Codes
PE201-
Add suffix to depict required ratio range.
For example: PE201-50/5
Dimensions
Dimensions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com