Electronic Components Datasheet Search
  English  ▼

X  

DEMO9RS08KA2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # DEMO9RS08KA2
Description  Getting Started with RS08
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DEMO9RS08KA2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  DEMO9RS08KA2 Datasheet HTML 1Page - Freescale Semiconductor, Inc DEMO9RS08KA2 Datasheet HTML 2Page - Freescale Semiconductor, Inc DEMO9RS08KA2 Datasheet HTML 3Page - Freescale Semiconductor, Inc DEMO9RS08KA2 Datasheet HTML 4Page - Freescale Semiconductor, Inc DEMO9RS08KA2 Datasheet HTML 5Page - Freescale Semiconductor, Inc DEMO9RS08KA2 Datasheet HTML 6Page - Freescale Semiconductor, Inc DEMO9RS08KA2 Datasheet HTML 7Page - Freescale Semiconductor, Inc DEMO9RS08KA2 Datasheet HTML 8Page - Freescale Semiconductor, Inc DEMO9RS08KA2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Getting Started with RS08, Rev. 1
Introduction to RS08
Freescale Semiconductor
2
1.1
RS08 Architecture
The RS08 platform is developed for extremely low cost applications. Its hardware size is optimized and
the overall system cost is reduced. The smaller hardware size allows the silicon to fit into a smaller
package, such as the 6-pin dual flat no lead package (DFN). The RS08 platform retains a similar
programming model as in the popular HC08/S08 platforms to allow easy source code migration between
the platforms.
The main features of the RS08 platform are:
•
Subset of S08 instruction set
•
New instructions for shadow program counter (SPC) — SHA and SLA
•
New tiny and short addressing modes for code size optimization
•
Maximum 16K-byte accessible memory space
•
Eliminated vector fetch mechanism for interrupt and reset service
•
Eliminated RAM stacking mechanism for subroutine call
•
Single level hardware stacking for subroutine call
•
Low power mode supported through the execution of STOP and WAIT instructions
•
Stop wakeup through internal or external interrupt trigger
•
Illegal address and opcode detection with reset
•
Hardware security feature to protect unauthorized access to the non-volatile memory (NVM) area
•
Debug and NVM program/erase support using single pin interface
1.1.1
CPU Registers
The RS08 CPU registers include an 8-bit general purpose accumulator (A), 14-bit program counter (PC),
14-bit shadow program counter (SPC), and a 2-bit conditional code register (CCR). The CCR contains two
status flags and are tested for conditional branch instructions such as BCS and BEQ. Figure 1-1 shows the
RS08 CPU registers.
Figure 1-1. RS08 CPU Registers
PC
SPC
CARRY
ZERO
0
0
0
7
13
13
ACCUMULATOR
A
SHADOW PROGRAM COUNTER
7
PROGRAM COUNTER
CCR
C
Z
CONDITION CODE REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com