Electronic Components Datasheet Search
  English  ▼

X  

DEMO9RS08KA2 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # DEMO9RS08KA2
Description  Getting Started with RS08
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DEMO9RS08KA2 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button DEMO9RS08KA2 Datasheet HTML 17Page - Freescale Semiconductor, Inc DEMO9RS08KA2 Datasheet HTML 18Page - Freescale Semiconductor, Inc DEMO9RS08KA2 Datasheet HTML 19Page - Freescale Semiconductor, Inc DEMO9RS08KA2 Datasheet HTML 20Page - Freescale Semiconductor, Inc DEMO9RS08KA2 Datasheet HTML 21Page - Freescale Semiconductor, Inc DEMO9RS08KA2 Datasheet HTML 22Page - Freescale Semiconductor, Inc DEMO9RS08KA2 Datasheet HTML 23Page - Freescale Semiconductor, Inc DEMO9RS08KA2 Datasheet HTML 24Page - Freescale Semiconductor, Inc DEMO9RS08KA2 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Introduction to RS08
Getting Started with RS08, Rev. 1
Freescale Semiconductor
21
bra
InfLoop
ACMP_ISR:
;... <ISR coding> ...
bra
InfLoop
KBI_ISR:
;... <ISR coding> ...
bra
InfLoop
RTI_ISR:
;... <ISR coding> ...
bra
InfLoop
LVD_ISR:
;... <ISR coding> ...
bra
InfLoop
The above example illustrates the software priority handling technique. In the example the MCU enters
wait mode during the application idle state. RS08 CPU requires typically three bus cycles to wakeup from
wait mode, the interrupt latency is mainly due to the software execution time. Assuming a bus frequency
of 10MHz (bus period is 100ns) the corresponding latencies are summarized in Table 1-6. User is free to
customize the software loop and minimize the interrupt latency according to the application requirement.
NOTE
In the above example COP is refreshed before entering wait mode. In order
to avoid a COP reset, at least one interrupt event is expected within the COP
timeout period.
In many applications the interrupt period is much longer, it would be wise to put the MCU in stop mode
to minimize the power consumption, particularly in battery operated applications. Because the RS08 CPU
can only be waked up from stop by asynchronous interrupt source such as KBI, ACMP, etc., all
synchronous interrupt events checking such as MTIM can be eliminated from the interrupt servicing loop.
For MC9RS08KA2, all interrupt sources except MTIM has stop wakeup capability (refer to
MC9RS08KA2 data sheet for more details). On top of the software execution time the interrupt latency
from stop must include the MCU stop recovery time that allows the system clock and internal regulator to
wakeup from their standby mode. The stop recovery time varies among product families, it depends on the
clock module and internal regulator technology used.
Table 1-6. Interrupt Latency based on 10MHz Bus Clock
Interrupt
Latency (
µs)
MTIM
0.8
ACMP
1.3 1
NOTES:
1 Additional delay (typically 2 bus clock cycles) may exist to synchronize
the asynchronous interrupt source to the bus clock.
KBI
1.8 1
RTI
2.3 1
LVD
2.8 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com