Electronic Components Datasheet Search
  English  ▼

X  

PMR Datasheet(PDF) 4 Page - Rohm

Part # PMR
Description  Metal plate shunt resistors low ohmic>
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PMR Datasheet(HTML) 4 Page - Rohm

  PMR Datasheet HTML 1Page - Rohm PMR Datasheet HTML 2Page - Rohm PMR Datasheet HTML 3Page - Rohm PMR Datasheet HTML 4Page - Rohm PMR Datasheet HTML 5Page - Rohm PMR Datasheet HTML 6Page - Rohm PMR Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2023 ROHM Co., Ltd. All rights reserved.
2023.1 - Rev.013
4/7
PMR series
Datasheet
●Derating curve
When the ambient temperature exceeds 70°C, or terminal temperature in excess 130°C power dissipation must
be adjusted according to the derating curve below.
<Ambient temperature>
■PMR01 / 03
■PMR10 (3, 4, 5, 6, 7, 8, 9, 10mΩ)
■PMR18 (3, 4, 5, 6, 7, 8, 9, 10mΩ)
■PMR25 (2, 3, 4, 5mΩ)
■PMR50 (3, 4, 5mΩ)
■PMR100 (3, 4, 5, 6, 7, 8, 9, 10mΩ)
<Terminal temperature>
■PMR10 (2mΩ)
■PMR18 (1, 2mΩ)
■PMR25 (1mΩ)
■PMR50 (1, 2mΩ)
■PMR100 (1, 2mΩ)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com