Electronic Components Datasheet Search
  English  ▼

X  

PMR Datasheet(PDF) 6 Page - Rohm

Part # PMR
Description  Metal plate shunt resistors low ohmic>
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PMR Datasheet(HTML) 6 Page - Rohm

  PMR Datasheet HTML 1Page - Rohm PMR Datasheet HTML 2Page - Rohm PMR Datasheet HTML 3Page - Rohm PMR Datasheet HTML 4Page - Rohm PMR Datasheet HTML 5Page - Rohm PMR Datasheet HTML 6Page - Rohm PMR Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.rohm.com
© 2023 ROHM Co., Ltd. All rights reserved.
2023.1 - Rev.013
6/7
PMR series
Datasheet
Table 3 : Test condition of variation of endurance
Table 4 : Test condition of endurance
(Ambient temperature 70°C, Terminal temperature)
(ambient temperature)
PMR10
2,3,4,5,6,7,8,9,10
PMR18
1,2,3,4,5,6,7,8,9,10
1,3
175°C
Test time : 1,000h
2,4,5
155°C
Test time : 1,000h
1,2,3
175°C
Test time : 1,000h
3,4,5,6,7,8,9,10
155°C
Test time : 1,000h
1,2
175°C
Test time : 1,000h
3,4,5,6,7,8,9,10
155°C
Test time : 1,000h
PMR100
PMR25
155°C
Test time : 1,000h
Part No.
Resistance range
(mΩ)
Test condition
10
10
PMR01
PMR03
PMR50
PMR01
10
PMR03
10
2
  Terminal temperature : 130°C
  Rated pow er 1.5h ON-0.5h OFF
  Test time : 1,000h
3,4,5,6,7,8,9,10
   Ambient temperature : 70°C
   Rated pow er 1.5h ON, 0.5h OFF
   Test time : 1,000h
1,2
  Terminal temperature : 130°C
  Rated pow er 1.5h ON-0.5h OFF
  Test time : 1,000h
3,4,5,6,7,8,9,10
   Ambient temperature : 70°C
   Rated pow er 1.5h ON, 0.5h OFF
   Test time : 1,000h
1
  Terminal temperature : 130°C
  Rated pow er 1.5h ON-0.5h OFF
  Test time : 1,000h
3
   Ambient temperature : 70°C
   Terminal temperature : 115°C
   Rated pow er 1.5h ON, 0.5h OFF
   Test time : 1,000h
2,4,5
   Ambient temperature : 70°C
   Rated pow er 1.5h ON, 0.5h OFF
   Test time : 1,000h
1,2
  Terminal temperature : 130°C
  Rated pow er 1.5h ON-0.5h OFF
  Test time : 1,000h
3,4,5,6,7,8,9,10
   Ambient temperature : 70°C
   Rated pow er 1.5h ON, 0.5h OFF
   Test time : 1,000h
1,2
  Terminal temperature : 130°C
  Rated pow er 1.5h ON-0.5h OFF
  Test time : 1,000h
3,4,5,6,7,8,9,10
   Ambient temperature : 70°C
   Rated pow er 1.5h ON, 0.5h OFF
   Test time : 1,000h
PMR100
Part No.
PMR50
PMR25
   Ambient temperature : 70°C
   Rated pow er 1.5h ON, 0.5h OFF
   Test time : 1,000h
PMR10
PMR18
Resistance range
(mΩ)
Test condition



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com