Electronic Components Datasheet Search
  English  ▼

X  

PMR Datasheet(PDF) 5 Page - Rohm

Part # PMR
Description  Metal plate shunt resistors low ohmic>
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PMR Datasheet(HTML) 5 Page - Rohm

  PMR Datasheet HTML 1Page - Rohm PMR Datasheet HTML 2Page - Rohm PMR Datasheet HTML 3Page - Rohm PMR Datasheet HTML 4Page - Rohm PMR Datasheet HTML 5Page - Rohm PMR Datasheet HTML 6Page - Rohm PMR Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.rohm.com
© 2023 ROHM Co., Ltd. All rights reserved.
2023.1 - Rev.013
5/7
PMR series
Datasheet
●Characteristic
IEC 60115-1 / IEC 60115-8
JIS C 5201-1 / JIS C 5201-8
Table 1 : Test condition of variation of
Table 2 : Test condition of Rapid change of
resistance with temperature
temperature
20°C
Measuring method : Measuring under
termination by 4 probes.
Test condition:See following table 1
Rated power×2.5, 2s
Solderability
A new uniform coating of minimum of
Rosin-ethanol solution(25% mass)
95% of the surface being immersed
Soldering condition:245±5°C
and no soldering damage.
Duration of immersion:2.0±0.5s
±1.0%
Soldering condition:260±5°C
No remarkable abnormality on the appearance.
Duration of immersion:10±1s
Test condition:See table 2
85°C,85%(Relative humidity)
Test time:1,000h
Test condition:See table 3
Test condition:See table 4
23±5°C, Immersion cleaning, 5±0.5min
Solvent: 2-propanol
Bend strength of the end
Endurance with 90mm width
face plating
Deflection:3mm
±3.0%
Test conditions
Resistance
See P.1
Variation of resistance
with temperature
See P.1
Guaranteed value
Overload
Resistance to soldering
heat
Rapid change of
temperature
±1.0%
Test items
Resistance to solvent
±0.5%
±3.0%
±2.0%
Without open.
Temperature humidity
storage
±3.0%
Endurance
(70°C, Terminal
temperature)
Endurance
(Ambient temperature)
Bottom termination
Probe
PMR01
10
PMR03
10
2
+25/-65, +25/+155
3,4,5,6,7,8,9,10
+25/-55, +25/+125
1,2
+25/-65, +25/+155
3,4,5,6,7,8,9,10
+25/-55, +25/+125
1
+25/-65, +25/+175
2,3,4,5
+25/-55, +25/+125
1,2
+25/-65, +25/+175
3,4,5,6,7,8,9,10
+25/-55, +25/+125
1,2
+25/-65, +25/+155
3,4,5,6,7,8,9,10
+25/-55, +25/+125
+25/-55, +25/+125
PMR10
Resistance range
(mΩ)
Test condition
(°C)
PMR50
PMR100
PMR25
Part No.
PMR18
PMR01
10
PMR03
10
2
-55°C~+155°C 1,000cycles
3,4,5,6,7,8,9,10
-55°C~+125°C 1,000cycles
1,2
-55°C~+155°C 1,000cycles
3,4,5,6,7,8,9,10
-55°C~+125°C 1,000cycles
1
-55°C~+155°C 1,000cycles
2,3,4,5
-55°C~+125°C 1,000cycles
1,2
-55°C~+155°C 1,000cycles
3,4,5,6,7,8,9,10
-55°C~+125°C 1,000cycles
1,2
-55°C~+155°C 1,000cycles
3,4,5,6,7,8,9,10
-55°C~+125°C 1,000cycles
Part No.
PMR25
PMR50
PMR100
Resistance range
(mΩ)
Test condition
-55°C~+125°C 1,000cycles
PMR10
PMR18



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com