Electronic Components Datasheet Search
  English  ▼

X  

TDA7350A Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7350A
Description  22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7350A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7350A Datasheet HTML 5Page - STMicroelectronics TDA7350A Datasheet HTML 6Page - STMicroelectronics TDA7350A Datasheet HTML 7Page - STMicroelectronics TDA7350A Datasheet HTML 8Page - STMicroelectronics TDA7350A Datasheet HTML 9Page - STMicroelectronics TDA7350A Datasheet HTML 10Page - STMicroelectronics TDA7350A Datasheet HTML 11Page - STMicroelectronics TDA7350A Datasheet HTML 12Page - STMicroelectronics TDA7350A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
TDA7350A
Figure 24. Power Dissipation & Efficiency vs.
Output Power (Stereo)
Figure 25. Power Dissipation & Efficiency vs.
Output Power (Bridge)
Figure 26. Power Dissipation & Efficiency vs.
Output Power (Bridge))
3
Amplifier Organization
The TDA7350A has been developed taking care of
the key concepts of the modern power audio am-
plifier for car radio such as: space and costs sav-
ing due to the minimized external count, excellent
electrical performances, flexibility in use, superior
reliability thanks to a built-in array of protections.
As a result the following performances has been
achieved:
■ NO NEED OF BOOTSTRAP CAPACITORS
EVEN AT THE HIGHEST OUTPUT POWER
LEVELS
■ ABSOLUTE STABILITY WITHOUT EXTERNAL
COMPENSATION THANKS TO THE NNOVA-
TIVE OUT STAGE CONFIGURATION, ALSO
ALLOWING INTERNALLY FIXED LOSED
LOOP LOWER THAN COMPETITORS
■ LOW GAIN (30dB STEREO FIXED WITHOUT
ANY EXTERNAL COMPONENTS) IN ORDER
TO MINIMIZE THE OUTPUT NOISE AND OP-
TIMIZE SVR
■ SILENT MUTE/ST-BY FUNCTION FEATUR-
ING ABSENCE OF POP ON/OFF NOISE
■ HIGH SVR
■ STEREO/BRIDGE OPERATION WITHOUT
ADDITION OF EXTERNAL COMPONENT
■ AC/DC SHORT CIRCUIT PROTECTION (TO
GND, TO VS, ACROSS THE LOAD)
■ LOUDSPEAKER PROTECTION
■ DUMP PROTECTION
■ ESD PROTECTION
4
Block Description
4.1 Polarization
The device is organized with the gain resistors di-
rectly connected to the signal ground pin i.e. with-
out gain capacitors (fig. 27).
The non inverting inputs of the amplifiers are con-
nected to the SVR pin by means of resistor divid-
ers, equal to the feedback networks. This allows
the outputs to track the SVR pin which is sufficient-
ly slow to avoid audible turn-on and turn-off tran-
sients.
4.2 SVR
The voltage ripple on the outputs is equal to the
one on SVR pin: with appropriate selection of CS-
VR, more than 55dB of ripple rejection can be ob-
tained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com