Electronic Components Datasheet Search
  English  ▼

X  

TDA7350A Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7350A
Description  22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7350A Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7350A Datasheet HTML 1Page - STMicroelectronics TDA7350A Datasheet HTML 2Page - STMicroelectronics TDA7350A Datasheet HTML 3Page - STMicroelectronics TDA7350A Datasheet HTML 4Page - STMicroelectronics TDA7350A Datasheet HTML 5Page - STMicroelectronics TDA7350A Datasheet HTML 6Page - STMicroelectronics TDA7350A Datasheet HTML 7Page - STMicroelectronics TDA7350A Datasheet HTML 8Page - STMicroelectronics TDA7350A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TDA7350A
2/23
Figure 3. Pin connection (Top view)
Table 2. Absolute Maximum Ratings
Table 3. Thermal Data
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
18
V
VS
DC Supply Voltage
28
V
VS
Peak Supply Voltage (t = 50ms)
40
V
IO
Output Peak Current (non rep. t = 100
µs)
5
A
IO
Output Peak Current (rep. freq. > 10Hz)
4
A
Ptot
Power Dissipation at Tcase = 85°C
36
W
Tstg, Tj
Storage and Junction Temperature
-40 to 150
°C
Symbol
Parameter
Value
Unit
Rthj-case
Thermal Resistance Junction-case
Max.
1.8
°C/W
Table 4. Electrical Characteristcs
(Refer to the test circuits, Tamb = 25°C, VS = 14.4V, f = 1KHz unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage Range
8
18
V
Id
Total Quiescent Drain Current
stereo configuration
120
mA
ASB
Stand-by attenuation
60
80
dB
ISB
Stand-by Current
100
µA
Tsd
Thermal
Shut-down
Junction
Temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com