Electronic Components Datasheet Search
  English  ▼

X  

TDA7350A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7350A
Description  22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7350A Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7350A Datasheet HTML 1Page - STMicroelectronics TDA7350A Datasheet HTML 2Page - STMicroelectronics TDA7350A Datasheet HTML 3Page - STMicroelectronics TDA7350A Datasheet HTML 4Page - STMicroelectronics TDA7350A Datasheet HTML 5Page - STMicroelectronics TDA7350A Datasheet HTML 6Page - STMicroelectronics TDA7350A Datasheet HTML 7Page - STMicroelectronics TDA7350A Datasheet HTML 8Page - STMicroelectronics TDA7350A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
TDA7350A
(*) Curve A
(**) 22Hz to 22KHz
STEREO
Po
Output Power (each channel)
d = 10%
RL= 2
Ω
RL= 3.2
Ω
RL= 4
Ω
7
11
8
6.5
W
W
W
d = 10%; VS= 13.2V
RL= 2
Ω
RL= 3.2
Ω
RL= 4
Ω
9
6.5
5.5
W
W
W
d
Distortion
Po = 0.1 to 4W; RL = 3.2
Ω
0.5
%
SVR
Supply Voltage Rejection
Rg = 10k
Ω f = 100Hz
C3 = 22µF
C3 = 100µF
45
50
57
dB
dB
CT
Crosstalk
f = 1KHz
f = 10KHz
45
55
50
dB
dB
RI
Input Resistance
30
50
K
Ω
GV
Voltage Gain
27
29
31
dB
GV
Voltage Gain Match
1
dB
EIN
Input Noise Voltage
Rg= 50
Ω(*)
Rg= 10K
Ω(*)
Rg = 50
Ω(**)
Rg= 10K
Ω(**)
1.5
2
2
2.7
7
µV
µV
µV
µV
BRIDGE
Po
Output Power
d = 10%; RL= 4
Ω
d = 10%; RL= 3.2
Ω
16
20
22
W
W
d = 10%; VS = 13.2V
RL= 4
Ω
RL= 3.2
Ω
17.5
19
W
W
d
Distortion
Po= 0.1 to 10W; RL = 4W
1
%
VOS
Output Offset Voltage
250
mV
SVR
Supply Voltage Rejection
Rg = 10k
Ω f = 100Hz
C3 = 22µF
C3 = 100µF
45
50
57
dB
dB
RI
Input Resistance
50
K
Ω
GV
Voltage Gain
33
35
37
dB
EIN
Input Noise Voltage
Rg= 50
Ω(*)
Rg= 10K
Ω(*)
Rg = 50
Ω(**)
Rg= 10K
Ω(**)
2
2.5
2.7
3.2
µV
µV
µV
µV
Table 4. Electrical Characteristcs (continued)
(Refer to the test circuits, Tamb = 25°C, VS = 14.4V, f = 1KHz unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com