Electronic Components Datasheet Search
  English  ▼

X  

FMCA1237 Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # FMCA1237
Description  Low Loss N Male to N Female Bulkhead Cable LL142 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMCA1237 Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  FMCA1237 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMCA1237 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMCA1237 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMCA1237 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.1 Page 4 of 4
LENGTHMEASUREDFROM
i--------------
-------------�
CONTACTTOCONTACT
5:: [,1�';'�::ve
L3/4
NMALE
HEX
HEATSHRINK
rSLEEVE
HEATSHRINK
SLEml 0.250 I
[6.4]
MAXPANEL
�[WWW.FAIRVIEWMICROWAVE.COMLJ a11eMoJ:>JW•.:
FMCA1237
-----,
MaJ11JJl!.:I •••
LHARBOURLll42 LLABEL
0.543[13.8]
+
0.645[16.4]
MOUNTINGHOLE
3/4J
HEX5/8-24
NFEMALE
BULKHEAD
NOTE:
LABEL FOR CABLE LENGTHS 48" OR SHORTER TO BE CENTERED. LONGER THAN 48" WILL BE 6" AWAY FROM CONNECTOR.
FAIRVIEW MICROWAVE INC. NOTES:
1. UNLESSOTHERWISESPECIFIEDALLDIMENSIONSARENOMINAL.
2. ALLSPECIFICATIONSARESUBJECTTOCHANGEWITHOUTNOTICEATANYTIME.
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
3. DIMENSIONSAREININCHES [mm].
TITLE
DWGNO
I CAGECODE
FMCA1237
3FKR5
CADFILE 072116 SHEET
SCALE N/A SIZE A 2233
FMCA1237
DATA SHEET
Low Loss N Male to N Female Bulkhead Cable LL142
Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com