Electronic Components Datasheet Search
  English  ▼

X  

FMCA1237 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMCA1237
Description  Low Loss N Male to N Female Bulkhead Cable LL142 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMCA1237 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMCA1237 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMCA1237 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMCA1237 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMCA1237 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Mechanical Specifications
Cable Assembly
Length*
0 in [0 mm]
Weight
0.126 lbs [57.15 g]
Cable
Cable Type
LL142
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
3
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Aluminum Polyester
Shield Layer 3
Silver Plated Copper Wire
Jacket Material
FEP, Green
Jacket Diameter
0.195 in [4.95 mm]
.
Repeated Minimum Bend Radius
1 in [25.4 mm]
Connectors
.
Description
Connector 1
Connector 2
Type
N Male
N Female
Mount Method
Bulkhead
Specification
MIL-STD-348
Impedance
50 Ohms
50 Ohms
Contact Material & Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Contact Plating Spec.
ASTM-B488, 50µ Inch. ASTM-B488, 50µ In. Minimum
Dielectric Type
PTFE
PEI
Outer Cond Material & Plating
Passivated Stainless Steel
Outer Cond Plating Spec.
SAE-AMS-2700
Body Material & Plating
Passivated Stainless Steel Passivated Stainless Steel
Body Plating Spec.
SAE-AMS-2700
SAE-AMS-2700
Coupling Nut Material & Plating Passivated Stainless Steel
Coupling Nut Plating Spec.
SAE-AMS-2700
Hex Size
3/4 Inch
Torque
14 in-lbs 1.58 Nm
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.1 Page 2 of 4
FMCA1237
DATA SHEET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com