Electronic Components Datasheet Search
  English  ▼

X  

FMCA1237 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMCA1237
Description  Low Loss N Male to N Female Bulkhead Cable LL142 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMCA1237 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMCA1237 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMCA1237 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMCA1237 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMCA1237 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV 1.1 Page 1 of 4
Copyright © 2020
The type N male to type N female bulkhead cable using LL142 coax, part number
FMCA1237, from Fairview Microwave is in-stock and ships same day. This Fairview
type N to type N cable assembly has a male to female gender configuration with
50 ohm flexible LL142 coax. Fairview Microwave’s flexible RF cable assemblies
are ideal for applications where tight bends and continual flexure are required.
The FMCA1237 type N male to type N female cable assembly operates to 18 GHz.
Our RF cable assembly with type N bulkhead interface allows designers to create
external connections on their product enclosures, and can be used in a variety
of other rack mount and panel mount applications. The triple shielding of this
Fairview cable assembly provides excellent shielding effectiveness of better than
95 dB. Fairview High performance test cables boast 83% phase velocity and offer
excellent low loss performance up to 18 GHz. The FMCA1237 cable assemblies
use durable stainless steel connectors and an FEP jacket. The connector/cable
interface has double heat-shrink booting which provides added strain relief while
increasing the durability of the cable assembly. The low attenuation per foot in a
0.195 inch diameter cable creates a cable that has good flexibility while offering
industry leading loss characteristics. All FMCA1237 cable assemblies are 100%
RF tested to ensure the VSWR and insertion loss specifications meet or exceed
Fairview’s published electrical specifications.
Custom versions of most RF cable assemblies can be built and shipped same
day. Custom cable assembly lengths can be obtained by specifying the desired
length on the web site at time of order or by contacting a sales representative.
Other RF cable assembly value added services including connector orientation or
clocking, heat shrink booting and labeling are also available. RF testing can also
be performed to document the electrical performance of your cable assembly.
Electrical Specifications
.
Description
Min
Typ
Max
Units
Frequency Range
DC
18
GHz
VSWR
1.35:1
Velocity of Propagation
83
%
RF Shielding
95
dB
Capacitance
25 [82.02]
pF/ft [pF/m]
Performance by Frequency
.
Description
F1
F2
F3
F4
F5
Units
Frequency
1
2
4.5
9
18
GHz
Insertion Loss (Max.) 0.1
0.14
0.2
0.29
0.4
dB/ft
0.33
0.46
0.66
0.95
1.31
dB/m
Insertion Loss (Typ.) 0.07
0.1
0.16
0.23
0.33
dB/ft
0.23
0.33
0.52
0.75
1.08
dB/m
Electrical Specification Notes:
Insertion Loss does not include the loss of the connectors. Insertion Loss is
estimated as 0.05dB x v Freqeuncy (GHz) per connector.
Low Loss N Male to N Female Bulkhead Cable
LL142 Coax
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• N Male
• N Female Bulkhead
• LL142
Features:
• Max Frequency 18 GHz
• Shielding Effectivity > 95 dB
• 83% Phase Velocity
• Triple Shielded
• FEP Jacket
• 83% Velocity of Propagation
(Vop)
• Shielding effectiveness >95 dB
• Maximum VSWR is < 1.35:1 to
18 GHz
• Minimum Bend Radius of 1 inch
• Operating Temperature range of
-55 to +125°C
• 100% RF Tested
• Custom lengths available
Applications:
• General Purpose
• Laboratory Use
• Long Run coaxial cable applica-
tions
• Antenna testing
• Low loss system cables
FMCA1237
DATA SHEET


Similar Part No. - FMCA1237

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMCA1230 FAIRVIEW-FMCA1230 Datasheet
507Kb / 3P
Precision SMA Female to N Male Cable FM-F141 Coax with LF Solder
REV 1.0
FMCA1235 FAIRVIEW-FMCA1235 Datasheet
517Kb / 4P
Low Loss SMA Male to SMA Female Cable LL142 Coax with LF Solder
REV 1.1
FMCA1236 FAIRVIEW-FMCA1236 Datasheet
515Kb / 4P
Low Loss SMA Male to RA SMA Male Cable LL142 Coax
REV 1.1
FMCA1238 FAIRVIEW-FMCA1238 Datasheet
539Kb / 4P
Low Loss N Male to RA N Male Cable LL142 Coax with LF Solder
REV 1.2
FMCA1239 FAIRVIEW-FMCA1239 Datasheet
528Kb / 4P
Low Loss TNC Male to RA TNC Male Cable LL142 Coax with LF Solder
REV 1.1
More results

Similar Description - FMCA1237

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE344 PASTERNACK-PE344 Datasheet
350Kb / 4P
N Male to N Female Bulkhead Low Loss Test Cable Using PE-P142LL Coax, RoHS
PE3C1000 PASTERNACK-PE3C1000 Datasheet
1Mb / 5P
N Female Bulkhead to N Female Bulkhead Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C2162 PASTERNACK-PE3C2162 Datasheet
437Kb / 5P
SMA Male to N Female Bulkhead Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C3232 PASTERNACK-PE3C3232 Datasheet
417Kb / 5P
N Female Bulkhead to N Female Bulkhead Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3M0175 PASTERNACK-PE3M0175 Datasheet
740Kb / 7P
Temperature Conditioned N Male to N Female Bulkhead Low Loss Cable
PE3M0177 PASTERNACK-PE3M0177 Datasheet
749Kb / 7P
Temperature Conditioned N Female Bulkhead to N Female Bulkhead Low Loss Cable
PE3M0220 PASTERNACK-PE3M0220 Datasheet
726Kb / 7P
Temperature Conditioned N Male to N Female Bulkhead Low Loss Cable
PE3M0222 PASTERNACK-PE3M0222 Datasheet
733Kb / 7P
Temperature Conditioned N Female Bulkhead to N Female Bulkhead Low Loss Cable
PE3M0248 PASTERNACK-PE3M0248 Datasheet
731Kb / 7P
Temperature Conditioned N Male to N Female Bulkhead Low Loss Cable
PE3M0250 PASTERNACK-PE3M0250 Datasheet
739Kb / 7P
Temperature Conditioned N Female Bulkhead to N Female Bulkhead Low Loss Cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com