Electronic Components Datasheet Search
  English  ▼

X  

DAC7564 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7564
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7564 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DAC7564 Datasheet HTML 33Page - Texas Instruments DAC7564 Datasheet HTML 34Page - Texas Instruments DAC7564 Datasheet HTML 35Page - Texas Instruments DAC7564 Datasheet HTML 36Page - Texas Instruments DAC7564 Datasheet HTML 37Page - Texas Instruments DAC7564 Datasheet HTML 38Page - Texas Instruments DAC7564 Datasheet HTML 39Page - Texas Instruments DAC7564 Datasheet HTML 40Page - Texas Instruments DAC7564 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
www.ti.com
MICROPROCESSOR INTERFACING
DAC7564 to an 8051 Interface
SYNC
SCLK
D
IN
Microwireä
CS
SK
SO
DAC7564
(1)
NOTE:(1)Additionalpinsomittedforclarity.
DAC7564 to 68HC11 Interface
PC7
SCK
MOSI
SYNC
DAC7564(1)
SCLK
D
IN
NOTE:(1)Additionalpinsomittedforclarity.
68HC11
(1)
P3.3
TXD
RXD
SYNC
DAC7564(1)
SCLK
D
IN
NOTE:(1)Additionalpinsomittedforclarity.
80C51/80L51
(1)
DAC7564 to Microwire Interface
DAC7564
SBAS413A – FEBRUARY 2008 – REVISED MARCH 2008
Figure 101 shows a serial interface between the
DAC7564 and a typical 8051-type microcontroller.
The setup for the interface is as follows: TXD of the
8051 drives SCLK of the DAC7564, while RXD drives
the serial data line of the device. The SYNC signal is
Figure 102. DAC7564 to Microwire Interface
derived from a bit-programmable pin on the port of
the 8051; in this case, port line P3.3 is used. When
data are to be transmitted to the DAC7564, P3.3 is
taken low. The 8051 transmits data in 8-bit bytes;
thus, only eight falling clock edges occur in the
Figure 103 shows a serial interface between the
transmit cycle. To load data to the DAC, P3.3 is left
DAC7564 and the 68HC11 microcontroller. SCK of
low after the first eight bits are transmitted; then, a
the 68HC11 drives the SCLK of the DAC7564, while
second write cycle is initiated to transmit the second
the MOSI output drives the serial data line of the
byte of data. P3.3 is taken high following the
DAC. The SYNC signal derives from a port line
completion of the third write cycle. The 8051 outputs
(PC7), similar to the 8051 diagram.
the serial data in a format that has the LSB first. The
DAC7564 requires its data with the MSB as the first
bit received. The 8051 transmit routine must therefore
take this requirement into account, and mirror the
data as needed.
Figure 103. DAC7564 to 68HC11 Interface
The 68HC11 should be configured so that its CPOL
bit is '0' and its CPHA bit is '1'. This configuration
causes data appearing on the MOSI output to be
Figure 101. DAC7564 to 80C51/80L51 Interface
valid on the falling edge of SCK. When data are
being transmitted to the DAC, the SYNC line is held
low
(PC7).
Serial
data
from
the
68HC11
are
transmitted in 8-bit bytes with only eight falling clock
Figure 102 shows an interface between the DAC7564
edges occurring in the transmit cycle. (Data are
and any Microwire-compatible device. Serial data are
transmitted MSB first.) In order to load data to the
shifted out on the falling edge of the serial clock and
DAC7564, PC7 is left low after the first eight bits are
are clocked into the DAC7564 on the rising edge of
transferred; then, a second and third serial write
the SK signal.
operation are performed to the DAC. PC7 is taken
high at the end of this procedure.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): DAC7564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com