Electronic Components Datasheet Search
  English  ▼

X  

DAC7564 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7564
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7564 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC7564 Datasheet HTML 10Page - Texas Instruments DAC7564 Datasheet HTML 11Page - Texas Instruments DAC7564 Datasheet HTML 12Page - Texas Instruments DAC7564 Datasheet HTML 13Page - Texas Instruments DAC7564 Datasheet HTML 14Page - Texas Instruments DAC7564 Datasheet HTML 15Page - Texas Instruments DAC7564 Datasheet HTML 16Page - Texas Instruments DAC7564 Datasheet HTML 17Page - Texas Instruments DAC7564 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
www.ti.com
0
5
4
3
2
1
f
(kHz)
OUT
-40
-50
-60
-70
-80
-90
-100
THD
ChannelA,AV
=5V,ExternalV
DD
REF =4.99V
-1dBFSRDigitalInput,f
=225kSPS
S
MeasurementBandwidth=20kHz
3rdHarmonic
2ndHarmonic
0
5
4
3
2
1
f
(kHz)
OUT
-40
-50
-60
-70
-80
-90
-100
THD
ChannelB,AV
=5V,ExternalV
DD
REF =4.99V
-1dBFSRDigitalInput,f
=225kSPS
S
MeasurementBandwidth=20kHz
3rdHarmonic
2ndHarmonic
0
5
4
3
2
1
f
(kHz)
OUT
-40
-50
-60
-70
-80
-90
-100
THD
ChannelC,AV
=5V,ExternalV
DD
REF =4.99V
-1dBFSRDigitalInput,f
=225kSPS
S
MeasurementBandwidth=20kHz
3rdHarmonic
2ndHarmonic
0
5
4
3
2
1
f
(kHz)
OUT
-40
-50
-60
-70
-80
-90
-100
-110
THD
ChannelD,AV
=5V,ExternalV
DD
REF =4.99V
-1dBFSRDigitalInput,f
=225kSPS
S
MeasurementBandwidth=20kHz
3rdHarmonic
2ndHarmonic
60
40
20
0
AV
=5.5V
DD
InternalV
Included
REF
50
30
10
950
1000
1050
1100
1150
1200
Power-SupplyCurrent( A)
m
DAC7564
SBAS413A – FEBRUARY 2008 – REVISED MARCH 2008
TYPICAL CHARACTERISTICS: DAC at AVDD = 5V (continued)
At TA = +25°C, external reference used, DAC output not loaded, and all DAC codes in straight binary data format, unless
otherwise noted.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs OUTPUT FREQUENCY
vs OUTPUT FREQUENCY
Figure 37.
Figure 38.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs OUTPUT FREQUENCY
vs OUTPUT FREQUENCY
Figure 39.
Figure 40.
POWER-SUPPLY CURRENT
HISTOGRAM
Figure 41.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DAC7564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com