Electronic Components Datasheet Search
  English  ▼

X  

ISO7760 Datasheet(PDF) 16 Page - Texas Instruments

Part # ISO7760
Description  ISO776x High-speed, robust EMC, reinforced six-channel digital isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7760 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO7760 Datasheet HTML 12Page - Texas Instruments ISO7760 Datasheet HTML 13Page - Texas Instruments ISO7760 Datasheet HTML 14Page - Texas Instruments ISO7760 Datasheet HTML 15Page - Texas Instruments ISO7760 Datasheet HTML 16Page - Texas Instruments ISO7760 Datasheet HTML 17Page - Texas Instruments ISO7760 Datasheet HTML 18Page - Texas Instruments ISO7760 Datasheet HTML 19Page - Texas Instruments ISO7760 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
VCC1 = VCC2 = 3.3 V ±10% (over recommended operating conditions unless otherwise noted).
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
Supply current - DC signal
VI = VCCI (ISO7762);
VI = 0 V (ISO7762 with F suffix)
ICC1
2.1
4
mA
ICC2
2.5
4.8
VI = 0 V (ISO7762);
VI = VCCI (ISO7762 with F suffix)
ICC1
6.5
9.4
ICC2
5
7.5
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1
4.4
6.6
ICC2
3.9
6.3
10 Mbps
ICC1
5.2
7.5
ICC2
5.4
8.1
100 Mbps
ICC1
12.9
16.9
ICC2
19.5
26
ISO7763
Supply current - DC signal
VI = VCCI (ISO7763);
VI = 0 V (ISO7763 with F suffix)
ICC1, ICC2
2.4
4.6
mA
VI = 0 V (ISO7763);
VI = VCCI (ISO7763 with F suffix)
ICC1, ICC2
5.7
8.4
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1, ICC2
4.2
6.6
10 Mbps
ICC1, ICC2
5.2
8.1
100 Mbps
ICC1, ICC2
16
21.9
(1)
VCCI = Input-side VCC
ISO7760, ISO7761, ISO7762, ISO7763
SLLSER1H – AUGUST 2017 – REVISED JANUARY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7760 ISO7761 ISO7762 ISO7763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com