Electronic Components Datasheet Search
  English  ▼

X  

ISO7760 Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO7760
Description  ISO776x High-speed, robust EMC, reinforced six-channel digital isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7760 Datasheet(HTML) 1 Page - Texas Instruments

  ISO7760 Datasheet HTML 1Page - Texas Instruments ISO7760 Datasheet HTML 2Page - Texas Instruments ISO7760 Datasheet HTML 3Page - Texas Instruments ISO7760 Datasheet HTML 4Page - Texas Instruments ISO7760 Datasheet HTML 5Page - Texas Instruments ISO7760 Datasheet HTML 6Page - Texas Instruments ISO7760 Datasheet HTML 7Page - Texas Instruments ISO7760 Datasheet HTML 8Page - Texas Instruments ISO7760 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
ISO776x High-speed, robust EMC, reinforced six-channel digital isolators
1 Features
• 100 Mbps data rate
• Robust isolation barrier:
– >30-Year projected lifetime
– Up to 5000 VRMS isolation rating
– Up to 12.8 kV surge capability
– ±100 kV/μs Typical CMTI
• Wide supply range: 2.25 V to 5.5 V
• 2.25-V to 5.5-V Level translation
• Default output high (ISO776x) and low (ISO776xF)
Options
• Wide temperature range: –55°C to +125°C
• Low power consumption, typical 1.4 mA per
channel at 1 Mbps
• Low propagation delay: 11 ns typical at 5 V
• Robust Electromagnetic Compatibility (EMC):
– System-level ESD, EFT, and surge immunity
– ±8 kV IEC 61000-4-2 Contact discharge
protection across isolation barrier
– Low emissions
• Wide-SOIC (DW-16) and SSOP (DBQ-16)
package options
• Automotive version available: ISO776x-Q1
• Safety-related certifications:
– Reinforced insulation per DIN EN IEC 60747-17
(VDE 0884-17)
– UL 1577 component recognition program
– CSA Certification per IEC 62368-1 and IEC
60601-1
– CQC Certification per GB4943.1
– TUV Certification according to EN 62368-1 and
EN 61010-1
2 Applications
• Industrial automation
• Motor control
• Power supplies
• Solar inverters
• Medical equipment
3 Description
The ISO776x devices are high-performance, six-
channel digital isolators with 5000-VRMS (DW
package) and 3000-VRMS (DBQ package) isolation
ratings per UL 1577. This family of devices is also
certified according to VDE, CSA, TUV and CQC.
The ISO776x family of devices provides high-
electromagnetic immunity and low emissions at
low-power consumption, while isolating CMOS or
LVCMOS digital I/Os. Each isolation channel has
a logic-input and logic-output buffer separated by
a double capacitive silicon dioxide (SiO2) insulation
barrier. The ISO776x family of devices is available
in all possible pin configurations such that all six
channels are in the same direction, or one, two,
or three channels are in reverse direction while the
remaining channels are in forward direction. If the
input power or signal is lost, the default output is high
for devices without suffix F and low for devices with
suffix F. See the Device Functional Modes section for
further details.
Used in conjunction with isolated power supplies,
this family of devices helps prevent noise currents
on data buses, such as RS-485, RS-232, and
CAN , or other circuits from entering the local
ground and interfering with or damaging sensitive
circuitry. Through innovative chip design and layout
techniques, electromagnetic compatibility of the
ISO776x family of devices has been significantly
enhanced to ease system-level ESD, EFT, surge, and
emissions compliance. The ISO776x family of devices
is available in 16-pin SOIC and SSOP packages.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO7760
ISO7761
ISO7762
ISO7763
SOIC (16)
10.30 mm × 7.50 mm
SSOP (16)
4.90 mm × 3.90 mm
OUTx
GNDO
GNDI
VCCO
VCCI
Series Isolation
Capacitors
Copyright © 2016, Texas Instruments Incorporated
INx
VCCI=Input VCC, VCCO=Output VCC
GNDI=Input ground, GNDO=Output ground
Simplified Schematic
ISO7760, ISO7761, ISO7762, ISO7763
SLLSER1H – AUGUST 2017 – REVISED JANUARY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7760

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 40P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 43P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760 TI2-ISO7760 Datasheet
2Mb / 52P
ISO776x High-speed, robust EMC, reinforced six-channel digital isolators
REVISED JANUARY 2024
ISO7760-Q1 TI1-ISO7760-Q1 Datasheet
2Mb / 43P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
More results

Similar Description - ISO7760

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1 Datasheet
2Mb / 43P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1_19 Datasheet
3Mb / 44P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com