Electronic Components Datasheet Search
  English  ▼

X  

ISO7760 Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO7760
Description  ISO776x High-speed, robust EMC, reinforced six-channel digital isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7760 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7760 Datasheet HTML 7Page - Texas Instruments ISO7760 Datasheet HTML 8Page - Texas Instruments ISO7760 Datasheet HTML 9Page - Texas Instruments ISO7760 Datasheet HTML 10Page - Texas Instruments ISO7760 Datasheet HTML 11Page - Texas Instruments ISO7760 Datasheet HTML 12Page - Texas Instruments ISO7760 Datasheet HTML 13Page - Texas Instruments ISO7760 Datasheet HTML 14Page - Texas Instruments ISO7760 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
5.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Certified according to
DIN EN IEC 60747-17
(VDE 0884-17)
Certified according to IEC
62368-1 and IEC 60601-1
Recognized under
UL 1577 Component
Recognition Program
Certified according to GB
4943.1
Certified according to
EN 61010-1 and EN
62368-1
Reinforced Insulation;
Maximum transient
isolation voltage, 8000
VPK (ISO7760 in DW-
16), 7071 VPK
(ISO7761, ISO7762,
ISO7763 in DW-16)
and 4242 VPK (DBQ-
16);
Maximum repetitive
peak isolation voltage,
2121 VPK (DW-16) and
566 VPK (DBQ-16);
Maximum surge
isolation voltage, 12800
VPK (DW-16) and 10000
VPK (DBQ-16)
Reinforced insulation per
CSA 62368-1 and IEC
62368-1 800 VRMS
(DW-16) and 370
VRMS (DBQ-16) maximum
working voltage (pollution
degree 2, material group
I);
DW-16: 2 MOPP (Means
of
Patient Protection) per
CSA 60601-1 and IEC
60601-1, 250 VRMS
maximum
working voltage
DW-16: Single protection,
5000 VRMS ;
DBQ-16: Single protection,
3000 VRMS
DW-16: Reinforced
Insulation, Altitude ≤ 5000
m, Tropical Climate, 700
VRMS maximum working
voltage;
DBQ-16: Basic Insulation,
Altitude ≤ 5000 m, Tropical
Climate, 400 VRMS
maximum working voltage
5000 VRMS Reinforced
insulation per EN
61010-1 up to
working voltage of 600
VRMS (DW-16) and 300
VRMS (DBQ-16)
5000 VRMS Reinforced
insulation per EN
62368-1 up to
working voltage of 600
VRMS (DW-16) and 370
VRMS (DBQ-16)
Certificate number:
40040142
Master contract number:
220991
File number: E181974
Certificate numbers:
CQC15001121716 (DW)
CQC18001199097 (DBQ)
Client ID number: 77311
5.8 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DW-16 PACKAGE
IS
Safety input, output, or supply current (1)
RθJA = 60.3°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C, see Figure 5-1
377
mA
RθJA = 60.3°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C, see Figure 5-1
576
RθJA = 60.3°C/W, VI = 2.75 V, TJ = 150°C,
TA = 25°C, see Figure 5-1
754
PS
Safety input, output, or total power (1)
RθJA = 60.3°C/W, TJ = 150°C, TA = 25°C,
see Figure 5-3
2073
mW
TS
Maximum safety temperature (1)
150
°C
DBQ-16 PACKAGE
IS
Safety input, output, or supply current (1)
RθJA = 86.5°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C, see Figure 5-2
263
mA
RθJA = 86.5°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C, see Figure 5-2
401
RθJA = 86.5°C/W, VI = 2.75 V, TJ = 150°C,
TA = 25°C, see Figure 5-2
525
PS
Safety input, output, or total power (1)
RθJA = 86.5°C/W, TJ = 150°C, TA = 25°C,
see Figure 5-4
1445
mW
TS
Maximum safety temperature (1)
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The
IS and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount
packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
www.ti.com
ISO7760, ISO7761, ISO7762, ISO7763
SLLSER1H – AUGUST 2017 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ISO7760 ISO7761 ISO7762 ISO7763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com