Electronic Components Datasheet Search
  English  ▼

X  

PMT2 Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # PMT2
Description  PMT2 Panel Mount Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT2 Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button PMT2 Datasheet HTML 3Page - Delta Electronics, Inc. PMT2 Datasheet HTML 4Page - Delta Electronics, Inc. PMT2 Datasheet HTML 5Page - Delta Electronics, Inc. PMT2 Datasheet HTML 6Page - Delta Electronics, Inc. PMT2 Datasheet HTML 7Page - Delta Electronics, Inc. PMT2 Datasheet HTML 8Page - Delta Electronics, Inc. PMT2 Datasheet HTML 9Page - Delta Electronics, Inc. PMT2 Datasheet HTML 10Page - Delta Electronics, Inc. PMT2 Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PMT2 Panel Mount Power Supply
PMT2 150W series / PMT-□V150W2C□□
TECHNICAL DATASHEET
All parameters are specified at 25°C ambient and nominal AC input unless otherwise indicated.
www.DeltaPSU.com (June 2021, Rev. 00)
7
Engineering Data
Output Load De-rating VS Surrounding Air Temperature
Output Load De-rating VS Input Voltage
Fig. 1 De-rating for Horizontal Mounting Orientation
> 50°C de-rate power by 2.0% / °C
Note
1. Power supply components may degrade, or
be damaged, when the power supply is
continuously used outside the shaded region,
refer to the graph shown in Fig. 1 & Fig.2.
2. The PSU will be bouncing and start up
time will not exceed 5s when ambient
temperature at ‐30 °C
3. If the output capacity is not reduced when the
surrounding air temperature >50°C, the
device will run into Over Temperature
Protection. When activated, power supply will
latch off, until the surrounding air temperature
is lowered or the load is reduced as far as
necessary to keep the device in working
condition, and require removal/re-application
of input AC voltage in order to restart.
4. In order for the device to function in the
manner intended, it is also necessary to keep
a safety distance as recommended in the
safety instructions while the device is in
operation.
5. Depending on the surrounding air temperature
and output load delivered by the power
supply, the device can be very hot!
No output power de-rating for the input
voltage from 100 Vac to 264 Vac
Fig. 2 De-rating for AC Input Voltage
< 100 Vac de-rate power by 1.33% / V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com