Electronic Components Datasheet Search
  English  ▼

X  

PMT2 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # PMT2
Description  PMT2 Panel Mount Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT2 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  PMT2 Datasheet HTML 1Page - Delta Electronics, Inc. PMT2 Datasheet HTML 2Page - Delta Electronics, Inc. PMT2 Datasheet HTML 3Page - Delta Electronics, Inc. PMT2 Datasheet HTML 4Page - Delta Electronics, Inc. PMT2 Datasheet HTML 5Page - Delta Electronics, Inc. PMT2 Datasheet HTML 6Page - Delta Electronics, Inc. PMT2 Datasheet HTML 7Page - Delta Electronics, Inc. PMT2 Datasheet HTML 8Page - Delta Electronics, Inc. PMT2 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PMT2 Panel Mount Power Supply
PMT2 150W series / PMT-□V150W2C□□
TECHNICAL DATASHEET
All parameters are specified at 25°C ambient and nominal AC input unless otherwise indicated.
www.DeltaPSU.com (June 2021, Rev. 00)
2
Specifications
Model Number
PMT-12V150W2C
☐☐
PMT-15V150W2C
☐☐
PMT-24V150W2C
☐☐
PMT-30V150W2C
☐☐
PMT-36V150W2C
☐☐
PMT-48V150W2C
☐☐
Input Ratings / Characteristics
Nominal Input Voltage
100-240 Vac
Input Voltage Range
90-264 Vac
Nominal Input Frequency
50-60 Hz
Input Frequency Range
47-63 Hz
Input Current
3 A typ. @ 115 Vac, 1.7 A typ. @ 230 Vac
Efficiency at 100% Load @
230Vac
88% typ.
89% typ.
90% typ.
90% typ.
90% typ.
91% typ.
No Load Power
Consumption
< 0.3 W @ 230 Vac
Max Inrush Current (Cold
Start)
60 A typ. @ 230 Vac
Leakage Current
< 0.5 mA @ 240 Vac / 50 Hz
Output Ratings / Characteristics*2
Nominal Output Voltage
12 Vdc
15 Vdc
24 Vdc
30 Vdc
36 Vdc
48 Vdc
Factory Set Point
Tolerance
12 Vdc ± 1%
15 Vdc ± 1%
24 Vdc ± 1%
30 Vdc ± 1%
36 Vdc ± 1%
48 Vdc ± 1%
Output Voltage Adjustment
Range
10.8-13.2 Vdc
13.5-16.5 Vdc
21.6-26.4 Vdc
27.0-33.0 Vdc
32.4-39.6 Vdc
43.2-52.8 Vdc
Output Current
0-12.5 A
0-10.0 A
0-6.5 A
0-5.0 A
0-4.3 A
0-3.3 A
Output Power
150 W Max.
150 W Max.
156 W Max.
150 W Max.
154.8 W Max.
158.4 W Max.
Line Regulation
± 0.5% typ. (@ 115Vac & 230Vac input)
Load Regulation
± 0.5% typ. (@ 115Vac & 230Vac input)
PARD*3 (20MHz)
< 150 mVpp @ 0°C to 70°C,
450 mVpp typ. @ -30°C to 0°C
< 200 mVpp @ 0°C to 70°C,
600 mVpp typ. @ -30°C to 0°C
Rise Time
30 ms typ. @ 115 Vac & 230 Vac
Start-up Time
500 ms typ. @ 115 Vac & 230 Vac
Hold-up Time
12 ms typ. @ 115 Vac & 55 ms typ. @230 Vac full load
Dynamic Response
(Overshoot & Undershoot
O/P Voltage)
± 10% @ 115 & 230 Vac input, 10-100% load (Slew Rate: 2.5 A/μS, 50% duty cycle @ 5 Hz & 10 KHz)
Start-up with Capacitive
Loads
8,000 µF Max
8,000 µF Max
8,000 µF Max
6,000 µF Max
3,000 µF Max
2,000 µF Max
*2 : For power de-rating from > 50°C to 70°C, see power de-rating on page 3.
*3 : PARD is measured with an AC coupling mode, and in parallel to end terminal with 0.1µF ceramic capacitor & 47µF electrolytic capacitor
. PSU need to burn in > 5 minutes
when AMB ≤ 0℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com