Electronic Components Datasheet Search
  English  ▼

X  

PMT2 Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # PMT2
Description  PMT2 Panel Mount Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT2 Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  PMT2 Datasheet HTML 1Page - Delta Electronics, Inc. PMT2 Datasheet HTML 2Page - Delta Electronics, Inc. PMT2 Datasheet HTML 3Page - Delta Electronics, Inc. PMT2 Datasheet HTML 4Page - Delta Electronics, Inc. PMT2 Datasheet HTML 5Page - Delta Electronics, Inc. PMT2 Datasheet HTML 6Page - Delta Electronics, Inc. PMT2 Datasheet HTML 7Page - Delta Electronics, Inc. PMT2 Datasheet HTML 8Page - Delta Electronics, Inc. PMT2 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PMT2 Panel Mount Power Supply
PMT2 150W series / PMT-□V150W2C□□
TECHNICAL DATASHEET
All parameters are specified at 25°C ambient and nominal AC input unless otherwise indicated.
www.DeltaPSU.com (June 2021, Rev. 00)
4
Safety Standards / Directives
Safety Entry Low Voltage
SELV
Electrical Safety
TUV Bauart
cULus
CB scheme
CCC
KC
EAC
BSMI
EN 62368-1, EN 60335-1, EN 61558-1/-2-16
UL 62368-1, and CAN/CSA C22.2 No. 62368-1
IEC 62368-1, IEC 60950-1, IEC 60335-1, IEC 61558-1/-2-16
GB 4943 (design compliance)
K 60950-1 (12 & 24 V model)
TP TC 004/2011
CNS 14336-1
CE
In conformance with EMC Directive 2014/30/EU and Low Voltage Directive
2014/35/EU
UKCA
In conformance with Electromagnetic Compatibility Regulations 2016 and
Electrical Equipment (Safety) Regulations 2016
Galvanic Isolation
Input to Output 4.0 KVac
Input to Ground 2.0 KVac
Output to Ground 1.25 KVac
EMC
Emissions (CE & RE)
CISPR 32, EN/ BS EN 55032, EN/ BS EN 61000-6-4, KN 32, AS/NZS
CISPR 32 Compliance to EN/BS EN 55014-1, FCC Title 47, EN/ BS EN
61000-6-3 : Class B
Immunity
EN/ BS EN 55035, KN 35, EN/BS EN 61000-6-2
Compliance to EN/BS EN 55014-2, EN/BS EN 61000-6-1
Electrostatic Discharge
IEC 61000-4-2 Level 4 Criteria A1)
Air Discharge: 15kV
Contact Discharge: 8kV
Radiated Field
IEC 61000-4-3 Level 3 Criteria A1)
80 MHz-1 GHz, 10V/M with 1 kHz tone / 80% modulation
Electrical Fast Transient / Burst
IEC 61000-4-4 Level 3 Criteria A1)
2 kV
Surge
IEC 61000-4-5 Level 4 Criteria A1)
Common Mode4): 4 kV
Differential Mode5): 2 kV
Conducted
IEC 61000-4-6 Level 3 Criteria A1)
150 kHz-80 MHz, 10 Vrms
Power Frequency Magnetic Fields
IEC 61000-4-8 Level 4 Criteria A1)
30 A / Meter
Voltage Dips and Interruptions
IEC 61000-4-11 0% residual; 1 cycle, Criteria B
40% residual; 10 cycle, Criteria C3)
70% residual; 25 cycle, Criteria C3)
Harmonic Current Emission
IEC/EN/BS EN
61000-3-2
Class A
1) Criteria A: Normal performance within the specification limits
2) Criteria B: Output out of regulation, or shuts down during test. Automatically restored to normal operation after test.
3) Criteria C: Output out of regulation, shuts down during test (Need to recycle AC power cord to normal operation after test)
4) Asymmetrical: Common mode (Line to earth)
5) Symmetrical: Differential mode (Line to line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com