Electronic Components Datasheet Search
  English  ▼

X  

OPA591 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA591
Description  OPAx591 85V, Precision (100μV), Low-Power (420μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA591 Datasheet(HTML) 2 Page - Texas Instruments

  OPA591 Datasheet HTML 1Page - Texas Instruments OPA591 Datasheet HTML 2Page - Texas Instruments OPA591 Datasheet HTML 3Page - Texas Instruments OPA591 Datasheet HTML 4Page - Texas Instruments OPA591 Datasheet HTML 5Page - Texas Instruments OPA591 Datasheet HTML 6Page - Texas Instruments OPA591 Datasheet HTML 7Page - Texas Instruments OPA591 Datasheet HTML 8Page - Texas Instruments OPA591 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings .............................................................. 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information for OPA591................................ 5
5.5 Thermal Information OPA2591................................... 5
5.6 Electrical Characteristics.............................................6
6 Detailed Description........................................................8
6.1 Overview..................................................................... 8
6.2 Functional Block Diagram........................................... 8
6.3 Feature Description.....................................................9
6.4 Device Functional Modes..........................................11
7 Application and Implementation.................................. 12
7.1 Application Information............................................. 12
7.2 Typical Applications.................................................. 12
7.3 Creepage and Clearance..........................................16
7.4 Power Supply Recommendations.............................17
7.5 Layout....................................................................... 17
8 Device and Documentation Support............................20
8.1 Receiving Notification of Documentation Updates....20
8.2 Support Resources................................................... 20
8.3 Trademarks...............................................................20
8.4 Electrostatic Discharge Caution................................20
8.5 Glossary....................................................................20
9 Mechanical, Packaging, and Orderable Information.. 20
OPA591, OPA2591
SBOSA47 – FEBRUARY 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA591 OPA2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com