Electronic Components Datasheet Search
  English  ▼

X  

OPA591 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA591
Description  OPAx591 85V, Precision (100μV), Low-Power (420μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA591 Datasheet(HTML) 1 Page - Texas Instruments

  OPA591 Datasheet HTML 1Page - Texas Instruments OPA591 Datasheet HTML 2Page - Texas Instruments OPA591 Datasheet HTML 3Page - Texas Instruments OPA591 Datasheet HTML 4Page - Texas Instruments OPA591 Datasheet HTML 5Page - Texas Instruments OPA591 Datasheet HTML 6Page - Texas Instruments OPA591 Datasheet HTML 7Page - Texas Instruments OPA591 Datasheet HTML 8Page - Texas Instruments OPA591 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
OPAx591 85V, Precision (100µV), Low-Power (420μA), High-Slew Rate (100V/μs) Op
Amps With MUX-Friendly Inputs
1 Features
• Wide supply voltage range: 8V to 85V
• Low offset voltage: 100µV, max
• Low offset drift: 2µV/°C, max
• High CMRR: 130dB, min
• High PSRR: 120dB, min
• Low input bias current: 15pA, max
• Low noise: 12.9nV/√Hz at 1kHz
• Wide bandwidth: 3.75MHz at 40dB
• High slew rate: 100V/µs
• Low quiescent current: 420µA
• Rail-to-rail output
• Unity gain stable
• Mux-friendly inputs
• Thermal shutdown protection
• Small package options:
– Single: SOT23
– Dual: VSSOP, SOIC
2 Applications
• Semiconductor test
• CT & PET scanner
• Programmable DC power supply
• Source measurement unit (SMU)
• Analytical lab instrumentation
• Power analyzer
• Optical module
+
–
V
IN
V
OUT
R
+
–
V
IN+
R
+
–
R
R
INA592
V+
V+
V++
OPAx591
V
REF
OPAx591
R
G
R
F
R
F
OPA591 Buffer With INA592
3 Description
The OPAx591 is a family of high precision, 85V
CMOS power amplifiers available in small, industry
standard packages.
These devices are laser trimmed to provide excellent
dc performance, including 100µV max offset, 2µV/°C
max offset drift. The high power supply and common-
mode rejection help these op amps maintain high
dc performance across different operating conditions.
Degradation of precision is minimal because of the
very low input bias current across the entire operating
voltage range.
The OPAx591 also excels in ac performance despite
the low quiescent current consumption. Proprietary
design techniques provide 100V/µs slew rate and
MUX-friendly inputs to enable fast settling of large
signals. The low broadband noise help maintain signal
fidelity across a wide frequency spectrum.
The combination of high precision, low noise, low
power, and small packages make the OPAx591 a
great choice for high voltage, space constrained
systems where power consumption and, or thermal
management is critical. Such systems include
automated test equipment requiring high voltage
and precision, power supplies requiring current or
voltage sensing, and piezo actuator driving for haptic
feedback systems.
This family of amplifiers operates over the extended
industrial temperature range of –40°C to +125°C.
Device Information
PART NUMBER
CHANNEL COUNT
PACKAGE (1)
OPA591(2)
Single
DBV (SOT23, 5)
OPA2591(2)
Dual
D (SOIC, 8)
DGK (VSSOP, 8)
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
This package is preview only.
OPA591, OPA2591
SBOSA47 – FEBRUARY 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - OPA591

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA591 TI2-OPA591 Datasheet
2Mb / 39P
OPAx591 85V, Precision (1μV/°C), Low-Power (450μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
REVISED SEPTEMBER 2026
OPA591DBVR TI2-OPA591DBVR Datasheet
2Mb / 39P
OPAx591 85V, Precision (1μV/°C), Low-Power (450μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
REVISED SEPTEMBER 2026
OPA591 TI2-OPA591_V01 Datasheet
2Mb / 39P
OPAx591 85V, Precision (1μV/°C), Low-Power (450μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
REVISED SEPTEMBER 2026
More results

Similar Description - OPA591

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE538 PHILIPS-NE538 Datasheet
178Kb / 7P
High Slew Rate Op Amp
)ctober 7 1987
logo
AUK corp
S4560 AUK-S4560 Datasheet
299Kb / 4P
Dual high slew rate OP AMP
S4560P AUK-S4560P Datasheet
304Kb / 3P
Dual high slew rate OP AMP
logo
NXP Semiconductors
NE5535 PHILIPS-NE5535 Datasheet
499Kb / 9P
Dual High Slew Rate Op Amp
January 15 1988
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943 Datasheet
275Kb / 15P
High-Voltage, Precision, Low-Power Op Amps
Rev 2; 6/09
logo
KODENSHI_AUK CORP.
S4560P KODENSHI-S4560P Datasheet
103Kb / 4P
Dual high slew rate OP AMP
SN4560 KODENSHI-SN4560 Datasheet
149Kb / 5P
Dual high slew rate OP AMP
logo
Texas Instruments
OPA182 TI-OPA182 Datasheet
3Mb / 43P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
DECEMBER 2021
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943_V01 Datasheet
1Mb / 11P
High-Voltage, Precision, Low-Power Op Amps
2017
logo
Texas Instruments
OPA182 TI-OPA182_V01 Datasheet
3Mb / 47P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com