Electronic Components Datasheet Search
  English  ▼

X  

OPA591 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA591
Description  OPAx591 85V, Precision (100μV), Low-Power (420μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA591 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA591 Datasheet HTML 10Page - Texas Instruments OPA591 Datasheet HTML 11Page - Texas Instruments OPA591 Datasheet HTML 12Page - Texas Instruments OPA591 Datasheet HTML 13Page - Texas Instruments OPA591 Datasheet HTML 14Page - Texas Instruments OPA591 Datasheet HTML 15Page - Texas Instruments OPA591 Datasheet HTML 16Page - Texas Instruments OPA591 Datasheet HTML 17Page - Texas Instruments OPA591 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
VOUT= VIN+−VIN− 1+2RFRG RG2RIN2 +VREF
(4)
This application uses the RES31A matched resistor chip from Texas Instruments. The resistors provide excellent
matching and temperature drift when compared to discrete 0.1% resistors. Resistor matching is critical to
achieving high common-mode rejection and low gain error. Figure 7-1 shows the final circuit. The circuit results
are shown in Figure 7-4, Figure 7-5. Note that the error is a simulated result at room temperature with typical dc
error values and worst case resistor matching values. Room temperature calibration is recommended to achieve
higher accuracy measurements.
To simplify this circuit further, the OPAx591 can be used to gain and buffer a readily available monolithic
difference amplifier, like INA132. The OPAx591 provide high gain and high input impedance necessary to
measure small current values.
+
–
V
IN
V
OUT
R
+
–
V
IN+
R
+
–
R
R
INA592
V+
V+
V++
OPAx591
V
REF
OPAx591
R
G
R
F
R
F
Figure 7-3. OPA591 Buffer for INA132
7.2.1.3 Application Curves
Current ( A)
0
0.02
0.04
0.06
0.08
0.1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Figure 7-4. Voltage Across Shunt Resistor
Current ( A)
0
0
0.02
0.4
0.04
0.8
0.06
1.2
0.08
1.6
0.1
2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Shunt Voltage
Percent Error
Figure 7-5. Output Voltage and Error
OPA591, OPA2591
SBOSA47 – FEBRUARY 2026
www.ti.com
14
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA591 OPA2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com