Electronic Components Datasheet Search
  English  ▼

X  

28F800C3 Datasheet(PDF) 49 Page - Numonyx B.V

Part # 28F800C3
Description  Advanced Boot Block Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

28F800C3 Datasheet(HTML) 49 Page - Numonyx B.V

Back Button 28F800C3 Datasheet HTML 45Page - Numonyx B.V 28F800C3 Datasheet HTML 46Page - Numonyx B.V 28F800C3 Datasheet HTML 47Page - Numonyx B.V 28F800C3 Datasheet HTML 48Page - Numonyx B.V 28F800C3 Datasheet HTML 49Page - Numonyx B.V 28F800C3 Datasheet HTML 50Page - Numonyx B.V 28F800C3 Datasheet HTML 51Page - Numonyx B.V 28F800C3 Datasheet HTML 52Page - Numonyx B.V 28F800C3 Datasheet HTML 53Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
March 2008
Datasheet
290645-24
49
C3 Discrete
The following paragraph concisely summarizes the locking functionality.
11.1.1.1
Locked State
The default state of all blocks upon power-up or reset is locked (states [001] or [101]).
Locked blocks are fully protected from alteration. Any Program or Erase operations
attempted on a locked block will return an error on bit SR[1]. The state of a locked
block can be changed to Unlocked or Lock Down using the appropriate software
commands. An Unlocked block can be locked by writing the Lock command sequence,
0x60 followed by 0x01.
11.1.1.2
Unlocked State
Unlocked blocks (states [000], [100], [110]) can be programmed or erased. All
unlocked blocks return to the Locked state when the device is reset or powered down.
The status of an unlocked block can be changed to Locked or Locked Down using the
appropriate software commands. A Locked block can be unlocked by writing the Unlock
command sequence, 0x60 followed by 0xD0.
11.1.1.3
Lock-Down State
Blocks that are Locked-Down (state [011]) are protected from Program and Erase
operations (just like Locked blocks), but their protection status cannot be changed
using software commands alone. A Locked or Unlocked block can be Locked Down by
writing the Lock-Down command sequence, 0x60 followed by 0x2F. Locked-Down
blocks revert to the Locked state when the device is reset or powered down.
The Lock-Down function depends on the WP# input pin. When WP# = 0, blocks in Lock
Down [011] are protected from program, erase, and lock status changes. When
WP# = 1, the Lock-Down function is disabled ([111]), and Locked-Down blocks can be
individually unlocked by software command to the [110] state, where they can be
erased and programmed. These blocks can then be relocked [111] and unlocked [110]
as required while WP# remains high. When WP# goes low, blocks that were previously
Locked Down return to the Lock-Down state [011], regardless of any changes made
while WP# was high. Device reset or power-down resets all blocks, including those in
Lock-Down, to Locked state.
11.2
Reading Block-Lock Status
The Lock status of each block can be read in read-identifier mode of the device by
issuing the read-identifier command (0x90). Subsequent reads at Block Address +
0x00002 will output the Lock status of that block. The Lock status is represented by
DQ0 and DQ1:
• DQ0 indicates the Block Lock/Unlock status and is set by the Lock command and
cleared by the Unlock command. It is also automatically set when entering Lock
Down.
• DQ1 indicates Lock-Down status and is set by the Lock-Down command. It cannot
be cleared by software—only by device reset or power-down.
See Table 22, “Device Identification Codes” on page 42 for block-status information.
11.3
Locking Operations during Erase Suspend
Changes to block-lock status can be performed during an erase-suspend by using the
standard locking command sequences to Unlock, Lock, or Lock Down a block. This
operation is useful in the case when another block needs to be updated while an Erase
operation is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com