Electronic Components Datasheet Search
  English  ▼

X  

28F800C3 Datasheet(PDF) 62 Page - Numonyx B.V

Part # 28F800C3
Description  Advanced Boot Block Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

28F800C3 Datasheet(HTML) 62 Page - Numonyx B.V

Back Button 28F800C3 Datasheet HTML 58Page - Numonyx B.V 28F800C3 Datasheet HTML 59Page - Numonyx B.V 28F800C3 Datasheet HTML 60Page - Numonyx B.V 28F800C3 Datasheet HTML 61Page - Numonyx B.V 28F800C3 Datasheet HTML 62Page - Numonyx B.V 28F800C3 Datasheet HTML 63Page - Numonyx B.V 28F800C3 Datasheet HTML 64Page - Numonyx B.V 28F800C3 Datasheet HTML 65Page - Numonyx B.V 28F800C3 Datasheet HTML 66Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
C3 Discrete
Datasheet
March 2008
62
290645-24
Appendix C Common Flash Interface
This appendix defines the data structure or “database” returned by the Common Flash
Interface (CFI) Query command. System software should parse this structure to gain
critical information such as block size, density, x8/x16, and electrical specifications.
Once this information has been obtained, the software detects which command sets to
use to enable flash writes, block erases, and otherwise control the flash component.
The Query is part of an overall specification for multiple command set and control
interface descriptions called Common Flash Interface, or CFI.
C.1
Query Structure Output
The Query database allows system software to obtain information for controlling the
flash device. This section describes the device’s CFI-compliant interface that allows
access to Query data.
Query data are presented on the lowest-order data outputs (DQ0-DQ7) only. The
numerical offset value is the address relative to the maximum bus width supported by
the device. On this family of devices, the Query table device starting address is a 0x10,
which is a word address for x16 devices.
For a word-wide (x16) device, the first two Query-structure bytes, ASCII “Q” and “R,”
appear on the low byte at word addresses 0x10 and 0x11. This CFI-compliant device
outputs 0x00 data on upper bytes. The device outputs ASCII “Q” in the low byte (DQ0-
DQ7) and 0x00 in the high byte (DQ8-DQ15).
At Query addresses containing two or more bytes of information, the least-significant
data byte is presented at the lower address, and the most-significant data byte is
presented at the higher address.
For tables in this appendix, addresses and data are represented in hexadecimal
notation, so the “h” suffix has been dropped. In addition, since the upper byte of word-
wide devices is always “0x00,” the leading “00” has been dropped from the table
notation and only the lower byte value is shown. Any x16 device outputs can be
assumed to have 0x00 on the upper byte in this mode.
Table 28: Summary of Query Structure Output as a Function of Device and Mode
Device
Hex Offset
Hex Code
ASCII Value
Device Addresses
00010:
51
"Q"
00011:
52
"R"
00012:
59
"Y"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com