Electronic Components Datasheet Search
  English  ▼

X  

LX1996 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1996
Description  Multi-string LED Back-light Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1996 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1996 Datasheet HTML 1Page - Microsemi Corporation LX1996 Datasheet HTML 2Page - Microsemi Corporation LX1996 Datasheet HTML 3Page - Microsemi Corporation LX1996 Datasheet HTML 4Page - Microsemi Corporation LX1996 Datasheet HTML 5Page - Microsemi Corporation LX1996 Datasheet HTML 6Page - Microsemi Corporation LX1996 Datasheet HTML 7Page - Microsemi Corporation LX1996 Datasheet HTML 8Page - Microsemi Corporation LX1996 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LX1996
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2007
Rev. 1.0, 2007-12-14
Multi-string LED Back-light Controller
TM
®
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature of -400C < Temp <850C, and the
following test conditions: VIN=12V, VOT = 3V, EN = VIN , RPRG= 4.99 kΩ, L=6.8μH, RSRC= 0.075Ω, COUTPUT = 4.7uF
LX1996
Parameter
Symbol
Test Conditions / Comment
Min
Typ
Max
Units
Power Supply
Input Voltage
VIN
6
12
28
V
Quiescent current
IIN ON
EN ≥2.4V, output not switching, VCS = 0.8V
2.5
mA
Sleep Current
IIN sleep
EN ≤ 0.4V
6
15
µA
Logic
DSEL1 Input High Voltage
VDSEL1-H
2.4
V
DSEL1 Input Low Voltage
V DSEL1-L
0.8
V
DSEL1 input current High
I DSEL1_H
DSEL1 = 2.4V
4
10
µA
DSEL1 input current Low
I DSEL1_L
DSEL1 = 0.8V
-10
-4
µA
DSEL1 Open Voltage
1.2
1.6
2.0
V
DSEL2 Input High Voltage
2.4
V
DSEL2 Input Low Voltage
0.8
V
DSEL2 Pull-down Resistor
600
kΩ
EN Input High Voltage
2.4
V
EN Input Low Voltage
0.8
V
EN input current
IEN_H
12V ≥ EN ≥ 2.4V
4.0
10
μA
EN input current
IEN_L
EN < 0.4V
0.4
1
μA
PWM Input High Voltage
VPWM-H
2.4
V
PWM Input Low Voltage
VPWM-L
0.8
V
PWM Pull-down Resistor
600
kΩ
DIMMING
DI Input Bias Current
VDI =0.2 to 2.0V, Analog dimming
1
μA
Maximum PRG voltage
VTH_DI_H
VDI =2.0V, Analog dimming
1.83
2.0
2.17
V
Minimum PRG voltage
VTH_DI_L
VDI =0.2V, Analog dimming
0.2
V
Direct Digital Dimming
Frequency
FPWM
100
25000
Hz
Direct Digital Dimming Min.
PWM Pulse Width (Note 2)
FPWM
4
us
RT Reference Voltage
RT = 100kΩ
2
V
CT = 200pF, RT = 100kΩ
25
kHz
Internal PWM Frequency
FINTPWM
CT =.047μF, RT = 100kΩ
100
Hz
Sync. freq. Capture Range
Percent of Internal PWM Frequency
-25
+25
%
Minimum PWM Input Pulse
Width
For synchronization
400
ns
Device Protection
OVP Threshold Voltage
VTH_OVP
1.9
2.0
2.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com