Electronic Components Datasheet Search
  English  ▼

X  

LX1996 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1996
Description  Multi-string LED Back-light Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1996 Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX1996 Datasheet HTML 4Page - Microsemi Corporation LX1996 Datasheet HTML 5Page - Microsemi Corporation LX1996 Datasheet HTML 6Page - Microsemi Corporation LX1996 Datasheet HTML 7Page - Microsemi Corporation LX1996 Datasheet HTML 8Page - Microsemi Corporation LX1996 Datasheet HTML 9Page - Microsemi Corporation LX1996 Datasheet HTML 10Page - Microsemi Corporation LX1996 Datasheet HTML 11Page - Microsemi Corporation LX1996 Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LX1996
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2007
Rev. 1.0, 2007-12-14
Multi-string LED Back-light Controller
TM
®
Typical Characteristics @ 25°C (Refer to Figure 1)
SY STEM E FFICI ENCY VS LOAD
SLEEP CURRENT VS INPUT VOLTAGE
Efficiency Vs Output load
Analog dimming mode
40%
50%
60%
70%
80%
90%
100%
0
20
40
60
80
100
120
Total LED current (m A)
6V-Eff
12V-Eff
18V-Eff
System Efficiency Vs Output Load
Analog Dimming Mode
Sleep current Vs input voltage
3
4
5
6
7
8
9
10
11
6
8
10 12 14 16 18 20 22 24 26 28
Vin (V)
SUPPLY CURRENT VS INPUT VOL T AGE
( NO LOAD)
STRING CURRENT MATCHING
Vs
Input Voltage
Quiescent current Vs input voltage
1
1.2
1.4
1.6
1.8
2
6
8
10 12 14 16 18 20 22 24 26 28
Vin (V)
LED String Current Matching Vs. Input Voltage
ISET = 20.04mA
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0.2%
0.3%
0.4%
0.5%
3
6
9
1215
1821
Input Voltage (V)
Variation ILED1
Variation ILED2
Variation ILED3
Variation ILED4
Variation ILED5
Variation ILED6
ANALOG INPUT VS INTERNAL DIGITAL
DI MMI NG
ANALOG INPUT VS I CS(X)
PWM output Vs Analog input
0.4
0.598
0.795
0.99
1.2
1.379
1.59
1.78
1.97
2.2
2.36
0
10
20
30
40
50
60
70
80
90
100
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Analog input (V)
.
LED current Vs Analog input
2
4.9
10.4
15.6
20.1
0
4
8
12
16
20
24
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Analog input (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com